công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C277LAB4100AL1J bảng dữ liệu(PDF) 7 Page - Kemet Corporation

tên linh kiện C277LAB4100AL1J
Giải thích chi tiết về linh kiện  C27, Cylindrical Plastic Case, 275 – 470 VAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

C277LAB4100AL1J bảng dữ liệu(HTML) 7 Page - Kemet Corporation

Back Button C277LAB4100AL1J Datasheet HTML 2Page - Kemet Corporation C277LAB4100AL1J Datasheet HTML 3Page - Kemet Corporation C277LAB4100AL1J Datasheet HTML 4Page - Kemet Corporation C277LAB4100AL1J Datasheet HTML 5Page - Kemet Corporation C277LAB4100AL1J Datasheet HTML 6Page - Kemet Corporation C277LAB4100AL1J Datasheet HTML 7Page - Kemet Corporation C277LAB4100AL1J Datasheet HTML 8Page - Kemet Corporation C277LAB4100AL1J Datasheet HTML 9Page - Kemet Corporation C277LAB4100AL1J Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3062_C27 • 9/9/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Motor Run Capacitors
C27, Cylindrical Plastic Case, 275 – 470 VAC
Marking
C27.4
From 1 µF up to 45 µF
Over 45 µF
Capacitance Value
Capacitance Value
(data): Manufacturing Plant, Date Code, Day of Production, Internal Mark
UL810: Applicable if inline with “Marking” from Part Number Table
Capacitor Class
Safety Class
Rated Voltage
based on
UL Standards
Climate Class/
Self-Healing
Dielectric
UL Approvals
MKP C27.4
Capacitance Value
Capacitance Value
(data): Manufacturing Plant, Date Code, Day of Production, Internal Mark
UL810: Applicable if inline with “Marking” from Part Number Table
Capacitor Class
Safety Class
Rated Voltage
based on
UL Standards
Climate Class/
Self-Healing
Dielectric
UL Approvals
MKP C27.4
C27.6
From 1 µF up to 55 µF
Over 55 µF
Capacitance Value
Capacitance Value
(data): Manufacturing Plant, Date Code, Day of Production, Internal Mark
UL810: Applicable if inline with “Marking” from Part Number Table
Capacitor Class
Safety Class
Rated Voltage
based on
UL Standards
Climate Class/
Self-Healing
Dielectric
UL Approvals
MKP C27.6
Capacitance Value
Capacitance Value
(data): Manufacturing Plant, Date Code, Day of Production, Internal Mark
UL810: Applicable if inline with “Marking” from Part Number Table
Capacitor Class
Safety Class
Rated Voltage
based on
UL Standards
Climate Class/
Self-Healing
Dielectric
UL Approvals
MKP C27.6



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com