công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HV845K7-G bảng dữ liệu(PDF) 2 Page - Supertex, Inc

tên linh kiện HV845K7-G
Giải thích chi tiết về linh kiện  Low Noise Dual EL Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUTEX [Supertex, Inc]
Trang chủ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV845K7-G bảng dữ liệu(HTML) 2 Page - Supertex, Inc

  HV845K7-G Datasheet HTML 1Page - Supertex, Inc HV845K7-G Datasheet HTML 2Page - Supertex, Inc HV845K7-G Datasheet HTML 3Page - Supertex, Inc HV845K7-G Datasheet HTML 4Page - Supertex, Inc HV845K7-G Datasheet HTML 5Page - Supertex, Inc HV845K7-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
HV845
Ordering Information
Device
Package Options
QFN/MLP - 12
HV845
HV845K7-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics
(Over recommended operating conditions unless otherwise specified - V
IN = VDD = 3.3V, TA=25°C)
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Parameter
Value
Supply Voltage, V
DD
-0.5V to 7.5V
Output Voltage, V
CS
-0.5V to 120V
Operating Temperature Range
-40°C to 85°C
Storage temperature
-65°C to 150°C
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Recommended Operating Conditions
V
DD
Supply voltage
2.0
-
5.8
V
---
T
A
Operating temperature
-40
-
+85
oC
---
Pin Configuration
Thermal Resistance
Package
θ
ja
QFN/MLP - 12
60oC/W
Note: Mounted on FR4 board, 25mm x 25mm x 1.57mm
R
DS(ON)
On-resistance of switching
transistor
-
-
10
Ω
I = 100mA
V
DD
Input voltage range
2.0
-
5.8
V
---
V
CS
Output regulation voltage
80
90
100
V
V
DD = 2.0V to 5.8V
V
DIFF
Differential output peak to peak
voltage
(EL
1 to COM1, EL2 to COM2)
160
180
200
V
V
DD = 2.0V to 5.8V
I
DDQ
Quiescent V
DD supply current
--
150
nA
C
1 = C2 = 0.1V
-
-
250
nA
C
1 = C2 = 0.3V
I
DD
Input current into the V
DD pin
-
-
250
μA
V
DD = 5.8V
I
IN
Average input current including
inductor current when driving both
lamps
-20
30
mA
V
IN = 5.5V (See Figure 1)
V
CS
Output voltage on V
CS when driving
both lamps
-87
-
V
V
IN = 5.5V (See Figure 1)
Note: Pads are on the bottom of the package.
Back-side heat slug is at ground potential.
HV845K7-G
Top View
C1
VDD
RSW-OSC
C2
GND
EL2
EL1
COM2
CS
LX
COM1
NC
1
12 11 10
9
8
7
6
5
4
3
2



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com