công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BL-3528A10-R80 bảng dữ liệu(PDF) 10 Page - American Bright OPTOELECTRONICS CORP.

tên linh kiện BL-3528A10-R80
Giải thích chi tiết về linh kiện  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Trang chủ  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3528A10-R80 bảng dữ liệu(HTML) 10 Page - American Bright OPTOELECTRONICS CORP.

Back Button BL-3528A10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 10Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 11Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 11 of 12
SI N CE 198 1
●
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle,silicone is slfter and flexible.Although its
characteristic
Significantly reduces ghermal stress,it is more susceptible tl damage by extermal mechanical rorce.
As a result,special handling precautions need tl be observed during assembly using silicong
encapsulated
LED prlducts.Failure to cimply might lead tl damage and premature failure of ghe LED.
1. Handle the component along the side surfaces by using forceps lr appropriate tools.(pic.1)
2. Do not directly touch or handle the silicone lens surface.It may damage the internal circuitry.
(pic.2,pic.3)
3. Do nlt stack together assembled PCBs congaining exposed LEDs. Impact may scratch the
silicone lens or Damage the internal circuitry. (pic.4)
4. The outer diameter of the SMD pickup nozzle should not exceed the size of the LED to prevent
air leaks. The inner diameter of the nozzle should be as large as possible. (pic.5)
5. A pliable material is suggested for the nozzle tip to avoid scratching or damaging the LED surface
duringpickup. (pic.5)
6. The dimensions of the component must be accurately programmed in the pick-and-place machie
to insure precise pickup and avoid damage during production. (pic.5)
Pic.1
Pic.2
Pic.3
Pic.4
Pic.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com