công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZMD30011BAG1-R bảng dữ liệu(PDF) 4 Page - Zentrum Mikroelektronik Dresden AG

tên linh kiện ZMD30011BAG1-R
Giải thích chi tiết về linh kiện  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZMD [Zentrum Mikroelektronik Dresden AG]
Trang chủ  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R bảng dữ liệu(HTML) 4 Page - Zentrum Mikroelektronik Dresden AG

  ZMD30011BAG1-R Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
4/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
2. Pin Description
2.1
Pin Configuration
PIN
Symbol
Description
1
RXD
receive data output
2
EN
sleep control input
normal mode=high
sleep mode=low
3
WAKE
local wake-up input
4
TXD
transmit data input
5
GND
ground
6
LIN
single wire bus input/output
7
VSUP
battery supply input
8
INH
battery related inhibit output
to control an external voltage
regulator
Fig. 3: Pin Configuration
2.2
RXD-Pin
This pin reports the state of the LIN bus voltage to the protocol controller. A LIN-low-level (dominant state) is
transmitted as a CMOS-low-level. A recessive LIN-state (LIN-high-level) is transmitted as a CMOS-high-level.
The RXD output structure is an open-drain output stage. This allows the ZMD30011 to be used with 3.3 V or 5 V I/O
protocol controllers. If the controller’s RXD pin does not have an integrated pull-up, an external pull-up resistor to
the microcontroller I/O supply voltage is required. The driver is tristated in the sleep-mode.
2.3
EN-Pin
This input determines the operation mode of the device. EN=high sets the device to the normal-mode, EN=low sets
the device to the sleep-mode significantly reducing the current consumption.
If the signal is floating then the EN-pin is held on low by an internal pull-down-resistor. The pull-down-current is
restricted to 25 A typically.
2.4
WAKE-Pin
The wake-pin is a high-voltage-input. A low-signal from the system (trigger) wakes up the transceiver from the
sleep-mode (local wake-up). An input filter prevents unintended wake-up in the case of transients. An internal pull-
up-resistor prevents floating of the pin in the unconnected state.
If the application does not require a local wake-up than the wake-pin has to be connected with VSUP.
1
2
3
4
8
7
6
5
SOP8
150 mil
top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22