công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H12WD4850 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện H12WD4850
Giải thích chi tiết về linh kiện  25-125Amp 480 Vac AC Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

H12WD4850 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  H12WD4850 Datasheet HTML 1Page - List of Unclassifed Manufacturers H12WD4850 Datasheet HTML 2Page - List of Unclassifed Manufacturers H12WD4850 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GENERAL SPECIFICATIONS
Dielectric Strength 50/60Hz Input/Output/Base
4000 Vrms
Insulation Resistance (Min.) @ 500 Vdc
109 Ohm
Max. Capacitance Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80˚C
Ambient Storage Temperature Range
-40 to 125˚C
MECHANICAL SPECIFICATIONS
Weight: (typical)
3.0 oz. (86.5g)
Encapsulation:
Thermally Conductive Epoxy
Terminals:
Screws and Saddle Clamps Furnished, Unmounted
APPROVALS
UL
E116949
CSA LR81689
VDE 10143 UG
Crydom Heat Sinks offer excellent ther-
mal management and are perfectly
matched to the load current ratings of
Crydom panel mount relays.
Request
Crydom’s Heat Sink specification sheet
for all the details.
SERIES H12WD.
REV. 031802
PAGE 2 OF 3
Series H12WD
25-125Amp • 480 Vac • AC Output
© 2002 CRYDOM CORP, Specifications subject to change without notice.
Available Options
F
Faston Terminals.
(Up to 50 Amp Models)
Example: H12WD4850F
-10
Random Turn-On.
Example: H12WD4850-10
Screw Torque Requirements:
6-32 Screws - 10 in. lbs.,
8-32 and 10-32 Screws - 20in. lbs.
(Screws dry without grease.)
Fastons:
Single pair (up to 25A)
Double pair* (up to 50A).
*Caution: User must connect to both pairs
All dimensions are in inches (millimeters)
.90
(22.9)
FASTON
TERMINAL
.187 X .032
(2 PLCS.)
BASE PLATE
.125 (3.2)
FASTON TERMINAL
.250 X .032 (2 PLCS.)
1.87
(47.5)
.78
(19.8)
2.30
(58.4)
1.70
(43.2)
.87 REF.
(22.2)
OUTPUT
INPUT
1.00
(25.4)
1.80
(45.7)
.45
(11.4)
1.10
(27.9)
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
12
4
3
--
+
Internal Overvoltage Protection.
Relay Will Self Trigger Between
900-1200Vpk. Not Suitable For
Capacitive Loads.
Agencies Approval Pending.
Example: H12WD4850P
P
G
Input Status LED.
Agencies Approval Pending
Example: H12WD4850G
Note: Control Voltage Range 5.5-32 Vdc
1.87
(47.5)
.78
(19.8)
2.30
(58.4)
1.70
(43.2)
.90
(22.9)
.45
(11.4)
1.10
(27.9)
8-32 TERMINAL
(2 PLACES )
1.00
(25.4)
6-32 TERMINAL
(2 PLACES)
1.80
(45.7)
SOLID-STATE RELAY
12
OUTPUT
3
4
+
--
INPUT
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
BASE PLATE
.125 (3.2)
Ordering System: Combination of the
suffixes should be made in the following order:
FPG-10.
Example:
H12WD4850FPG-10
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com