công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIMXRT102SDAF4A bảng dữ liệu(PDF) 21 Page - NXP Semiconductors

tên linh kiện MIMXRT102SDAF4A
Giải thích chi tiết về linh kiện  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT102SDAF4A bảng dữ liệu(HTML) 21 Page - NXP Semiconductors

Back Button MIMXRT102SDAF4A Datasheet HTML 17Page - NXP Semiconductors MIMXRT102SDAF4A Datasheet HTML 18Page - NXP Semiconductors MIMXRT102SDAF4A Datasheet HTML 19Page - NXP Semiconductors MIMXRT102SDAF4A Datasheet HTML 20Page - NXP Semiconductors MIMXRT102SDAF4A Datasheet HTML 21Page - NXP Semiconductors MIMXRT102SDAF4A Datasheet HTML 22Page - NXP Semiconductors MIMXRT102SDAF4A Datasheet HTML 23Page - NXP Semiconductors MIMXRT102SDAF4A Datasheet HTML 24Page - NXP Semiconductors MIMXRT102SDAF4A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
Table 7. Absolute maximum ratings (continued)
Parameter Description
Symbol
Min
Max
Unit
Charge Device Model (CDM)
Input/Output Voltage range
Vin/Vout
-0.5
OVDD + 0.31
V
Storage Temperature range
TSTORAGE
-40
150
o C
1. OVDD is the I/O supply voltage.
4.1.2 Thermal resistance
4.1.2.1 13 x 13 mm thermal resistance
Table 8 shows the 13 x 13 mm package thermal resistance data.
Table 8. 13 x 13 mm thermal resistance data
Rating
Board type1
Symbol
Value
Unit
Junction to Ambient
Thermal resistance2
JESD51-9, 2s2p
RθJA
36
oC/W
Junction to Package Top
Thermal resistance2
JESD51-9, 2s2p
ΨJT
0.5
oC/W
1. Thermal test board meets JEDEC specification for this package (JESD51-9).
2. Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is
solely for a thermal performance comparison of one package to another in a standardized specified environment. It is not
meant to predict the performance of a package in an application-specific environment.
4.1.3 Operating ranges
Table 9 provides the operating ranges of the i.MX RT1060X processors. For details on the chip's power structure, see the "Power
Management Unit (PMU)" chapter of the
i.MX RT1060X Reference Manual (IMXRT1060XRM).
Table 9. Operating ranges
Parameter
Description
Symbol
Operating
Conditions
Min
Typ
Max1 Unit
Comment
Run Mode
VDD_SOC_IN
Overdrive
1.25
—
1.3
V
—
VDD_SOC_IN
M7 core at 528
MHz
1.15
—
1.3
V
—
M7 core at 132
MHz
1.15
—
1.3
M7 core at 24
MHz
0.925
—
1.3
Table continues on the next page...
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
21 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com