công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIMXRT8024CFP4A bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện MIMXRT8024CFP4A
Giải thích chi tiết về linh kiện  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024CFP4A bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button MIMXRT8024CFP4A Datasheet HTML 9Page - NXP Semiconductors MIMXRT8024CFP4A Datasheet HTML 10Page - NXP Semiconductors MIMXRT8024CFP4A Datasheet HTML 11Page - NXP Semiconductors MIMXRT8024CFP4A Datasheet HTML 12Page - NXP Semiconductors MIMXRT8024CFP4A Datasheet HTML 13Page - NXP Semiconductors MIMXRT8024CFP4A Datasheet HTML 14Page - NXP Semiconductors MIMXRT8024CFP4A Datasheet HTML 15Page - NXP Semiconductors MIMXRT8024CFP4A Datasheet HTML 16Page - NXP Semiconductors MIMXRT8024CFP4A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
Table 2. i.MX RT1060X modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description
GPT1
GPT2
General Purpose Timer
Timer Peripherals Each GPT is a 32-bit "free-running" or "set and forget"
mode timer with programmable prescaler and compare
and capture register. A timer counter value can be
captured using an external event and can be configured
to trigger a capture event on either the leading or trailing
edges of an input pulse. When the timer is configured
to operate in "set and forget" mode, it is capable of
providing precise interrupts at regular intervals with
minimal processor intervention. The counter has output
compare logic to provide the status and interrupt at
comparison. This timer can be configured to run either on
an external clock or on an internal clock.
KPP
Keypad Port
Human
Machine Interfaces
The KPP is a 16-bit peripheral that can be used as
a keypad matrix interface or as general purpose input/
output (I/O). It supports 8 x 8 external key pad matrix.
Main features are:
• Multiple-key detection
• Long key-press detection
• Standby key-press detection
• Supports a 2-point and 3-point contact key matrix
LCDIF
LCD interface
Multimedia
Peripherals
The LCDIF is a general purpose display controller used
to drive a wide range of display devices varying in size
and capabilities. The LCDIF is designed to support dumb
(synchronous 24-bit Parallel RGB interface) and smart
(asynchronous parallel MPU interface) LCD devices.
LPI2C1
LPI2C2
LPI2C3
LPI2C4
Low Power Inter­
integrated Circuit
Connectivity and
Communications
The LPI2C is a low power Inter-Integrated Circuit (I2C)
module that supports an efficient interface to an I2C bus
as a master.
The I2C provides a method of communication between
a number of external devices. For detailed information,
see LPI2C module timing parameters.
LPSPI1
LPSPI2
LPSPI3
LPSPI4
Low Power Serial
Peripheral Interface
Connectivity and
Communications
The LPSPI is a low power Serial Peripheral Interface
(SPI) module that support an efficient interface to an SPI
bus as a master and/or a slave.
• It can continue operating while the chip is in stop
modes, if an appropriate clock is available
• Designed for low CPU overhead, with DMA off
loading of FIFO register access
LPUART1
LPUART2
UART Interface
Connectivity
Peripherals
Each of the UART modules support the following serial
data transmit/receive protocols and configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable
Table continues on the next page...
NXP Semiconductors
Modules List
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
13 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com