| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T48C862M-R3-TNQ bảng dữ liệu(PDF) 60 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862M-R3-TNQ bảng dữ liệu(HTML) 60 Page - ATMEL Corporation |
|
60 / 107 page ![]() 60 T48C862-R3 4554A–4BMCU–02/03 Figure 59. Manchester Demodulation Timer 3 – Mode 11: Biphase Demodulation In the Biphase demodulation mode, the timer operates like in Manchester demodulation mode. The difference is that the bits are decoded via a toggle flip-flop. This flip-flop sam- ples the edge in the middle of the bitframe and the compare register 1 match event shifts the toggle flip-flop output into shift register (see also combined mode 9). Figure 60. Biphase Demodulation 1 011 1 0 0 1 1 0 11 BIT 0 BIT 1 BIT 2 BIT 3 BIT 4 BIT 5 BIT 6 Synchronize Manchester demodulation mode Timer 3 mode T3EX SI SR-DATA T3I CM31=SCI 100 11 0 01 1 1 1 01 BIT 0 BIT 1 BIT 2 BIT 3 BIT 4 BIT 5 BIT 6 Synchronize Biphase demodulation mode Timer 3 mode T3EX Q1=SI CM31=SCI SR-DATA 00 0 0 T3I Reset Counter 3 10 1 0 1 0 |