| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MIMXRT8024DVL4A bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MIMXRT8024DVL4A bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 103 page ![]() eMMC 4.5 / SD 3.0 x2 UART x8 SPI x4 I2S/SAI x3 USB2.0 OTG w/PHY x2 FLEXCAN1/2 + FlexCAN3(CANFD) 10/100 ENET x2 w/IEEE 1588 8x8 keypad I2C x4 GPIO1/2/3/4/5/10 S/PDIF TX/RX Analog EXTERNAL MEMORY External Memory Controller 8-/16- bit SDRAM Parallel NOR Flash NAND flash PSRAM Dual-Channel Quad-SPI (FlexSPI x2) Octal/Hyper Flash/RAM x2 8/16-bit parallel CSI 24-bit Parallel LCD PXP 2D Graphics Acceleration Resize, CSC, Overlay, Rotation MULTIMEDIA CPU PLATFORM CONNECTIVITY SYSTEM CONTROL INTERNAL MEMORY POWER MANAGEMENT Arm Cortex-M7 32KB I-cache 32-KB D-cache FPU MPU NVIC 512KB TCM / OCRAM Secure JTAG PLL,OSC RTC & Reset Embedded DMA IOMUX GP Timer x6 (GPT x2 + PIT x4) Quadrature ENC x4 QuadTimer x4 FlexPWM x4 WDOG x4 512 KB SRAM 128 KB ROM DCDC LDO Temp Monitor SECURITY Secure RTC eFUSE HAB ACMP x4 ADC x2 (up to 20-channel) Ciphers & RNG XBAR / AOI FlexIO1/2 high-speed GPIO FlexIO3 (GPIO6/7/8/9) Figure 2. i.MX RT1060X system block diagram NXP Semiconductors Architectural Overview i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022 Data Sheet: Technical Data 9 / 103 |