| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLP3549 bảng dữ liệu(PDF) 14 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP3549 bảng dữ liệu(HTML) 14 Page - Toshiba Semiconductor |
|
14 / 20 page ![]() TLP3549,TLP3549F 14 21. 21. 21. 21. Ordering Information Ordering Information Ordering Information Ordering Information When placing an order, please specify the part number, tape type and quantity as shown in the following example. Example) TLP3549(TP1,F 1500 pcs Part number: TLP3549 Tape type: TP1 [[G]]/RoHS COMPATIBLE: F (Note) (Note) (Note) (Note) Quantity (must be a multiple of 1500): 1500 pcs Note: Please contact your Toshiba sales representative for details on environmental information such as the product's RoHS compatibility. RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. 22. 22. 22. 22. Ordering Information (Example of Item Name) Ordering Information (Example of Item Name) Ordering Information (Example of Item Name) Ordering Information (Example of Item Name) Item Name TLP3549(F TLP3549(LF1,F TLP3549(LF5,F TLP3549(TP1,F TLP3549(TP5,F TLP3549F(F TLP3549F(LF4,F TLP3549F(TP4,F TLP3549(D4,F TLP3549(D4,LF1,F TLP3549(D4,LF5,F TLP3549(D4,TP1,F TLP3549(D4,TP5,F TLP3549F(D4,F TLP3549F(D4LF4,F TLP3549F(D4TP4,F Packaging (Note 1) TH LF1 LF5 LF1 LF5 TH, Wide forming LF4, Wide forming LF4, Wide forming TH LF1 LF5 LF1 LF5 TH, Wide forming LF4, Wide forming LF4, Wide forming VDE Option EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 Packing (MOQ) Magazine (50 pcs) Magazine (50 pcs) Magazine (50 pcs) Tape and reel (1500 pcs) Tape and reel (1500 pcs) Magazine (50 pcs) Magazine (50 pcs) Tape and reel (1000 pcs) Magazine (50 pcs) Magazine (50 pcs) Magazine (50 pcs) Tape and reel (1500 pcs) Tape and reel (1500 pcs) Magazine (50 pcs) Magazine (50 pcs) Tape and reel (1000 pcs) Note 1: TH: Through-hole, LF/TP: Lead forming for surface mount 2019-11-14 Rev.5.0 ©2016-2019 Toshiba Electronic Devices & Storage Corporation |