công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAF1080 bảng dữ liệu(PDF) 19 Page - Analog Devices

tên linh kiện ADAF1080
Giải thích chi tiết về linh kiện  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 bảng dữ liệu(HTML) 19 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 15Page - Analog Devices ADAF1080 Datasheet HTML 16Page - Analog Devices ADAF1080 Datasheet HTML 17Page - Analog Devices ADAF1080 Datasheet HTML 18Page - Analog Devices ADAF1080 Datasheet HTML 19Page - Analog Devices ADAF1080 Datasheet HTML 20Page - Analog Devices ADAF1080 Datasheet HTML 21Page - Analog Devices ADAF1080 Datasheet HTML 22Page - Analog Devices ADAF1080 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
ADAF1080
TERMINOLOGY
analog.com
Rev. 0 | 19 of 36
Output Error due to a Cross Field
SERROC_BC is the error due to the presence of a cross field. SER-
ROC_BC is defined as the percentage change of the output voltage in
the presence of a cross field compared to the output voltage with no
cross field.
SERROR_BC=VOUTBCROSS−VOUTBCROSS=0
VOUTBCROSS=0
×100
where:
VOUT(BCROSS) is the measured output voltage of the device with a
cross field present.
VOUT(BCROSS = 0) is the measured output voltage of the device with
no cross field present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36