| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC7186 bảng dữ liệu(PDF) 13 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7186 bảng dữ liệu(HTML) 13 Page - Vitesse Semiconductor Corporation |
|
13 / 16 page ![]() VITESSE SEMICONDUCTOR CORPORATION Page 13 3/27/00 741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896 VITESSE SEMICONDUCTOR CORPORATION Advance Product Information VSC7186 Quad Transceiver for Gigabit Ethernet G52306-0, Rev. 2.0 K2 NC (TDO) (OUTPUT - TTL: JTAG Test Data Output) T9 VCCA Analog Power Supply R8 GNDA Analog Ground. Tie to common ground plane with GND. A2,A10,C14 G4,J14,K16 L4,N15,R4 R14,R16,T3 T4,T14,U5 VCC Digital Logic Power Supply C4, D3,F3 A9, B7, C5 A13, A16, C11 C15, E14, G17 VCCT TTL Output Power Supply. T5 T7 T11 T13 VCCP0 VCCP1 VCCP2 VCCP3 PECL I/O Power Supply for Channel i. A1,A3,A11,A15 A17,B4,C7 C16,D4,D11 E15,F4 GNDT Ground for TTL Outputs B9,F17,G3,K3, K14,K15,L3,P6, P8,P10,P12,P14 R6,R10,R12,T2 T6,T8,T10,T12 T15,T16,U1,U2, U8,U9,U12,U15 U16, U17 GND Ground Pin Name Description |