| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC860DP bảng dữ liệu(PDF) 71 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC860DP bảng dữ liệu(HTML) 71 Page - NXP Semiconductors |
|
71 / 77 page ![]() MPC860 PowerQUICC Family Hardware Specifications, Rev. 10 Freescale Semiconductor 71 Mechanical Data and Ordering Information Table 34 identifies the packages and operating frequencies available for the MPC860. Table 34. MPC860 Family Package/Frequency Availability Package Type Freq. (MHz) / Temp. (Tj) Package Order Number Ball grid array ZP suffix—leaded ZQ suffix—leaded VR suffix—lead-free 50 0 ° to 95°C ZP/ZQ1 MPC855TZQ50D4 MPC860DEZQ50D4 MPC860DTZQ50D4 MPC860ENZQ50D4 MPC860SRZQ50D4 MPC860TZQ50D4 MPC860DPZQ50D4 MPC860PZQ50D4 Tape and Reel MPC855TZQ50D4R2 MPC860DEZQ50D4R2 MPC860ENZQ50D4R2 MPC860SRZQ50D4R2 MPC860TZQ50D4R2 MPC860DPZQ50D4R2 MPC855TVR50D4R2 MPC860ENVR50D4R2 MPC860SRVR50D4R2 MPC860TVR50D4R2 VR MPC855TVR50D4 MPC860DEVR50D4 MPC860DPVR50D4 MPC860DTVR50D4 MPC860ENVR50D4 MPC860PVR50D4 MPC860SRVR50D4 MPC860TVR50D4 66 0 ° to 95°C ZP/ZQ1 MPC855TZQ66D4 MPC860DEZQ66D4 MPC860DTZQ66D4 MPC860ENZQ66D4 MPC860SRZQ66D4 MPC860TZQ66D4 MPC860DPZQ66D4 MPC860PZQ66D4 Tape and Reel MPC860SRZQ66D4R2 MPC860PZQ66D4R2 VR MPC855TVR66D4 MPC860DEVR66D4 MPC860DPVR66D4 MPC860DTVR66D4 MPC860ENVR66D4 MPC860PVR66D4 MPC860SRVR66D4 MPC860TVR66D4 |