công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT24RF08C bảng dữ liệu(PDF) 13 Page - ATMEL Corporation

tên linh kiện AT24RF08C
Giải thích chi tiết về linh kiện  Asset Identification EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24RF08C bảng dữ liệu(HTML) 13 Page - ATMEL Corporation

Back Button AT24RF08C Datasheet HTML 9Page - ATMEL Corporation AT24RF08C Datasheet HTML 10Page - ATMEL Corporation AT24RF08C Datasheet HTML 11Page - ATMEL Corporation AT24RF08C Datasheet HTML 12Page - ATMEL Corporation AT24RF08C Datasheet HTML 13Page - ATMEL Corporation AT24RF08C Datasheet HTML 14Page - ATMEL Corporation AT24RF08C Datasheet HTML 15Page - ATMEL Corporation AT24RF08C Datasheet HTML 16Page - ATMEL Corporation AT24RF08C Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AT24RF08C
13
Reception: Decoding and Demodulation
For data received by the chip, a drop in amplitude is
interpreted as a low state, while an increase in amplitude
indicates a high state. The output of this demodulator is
inverted and then decoded using Manchester decoding
before being interpreted as commands or data.
In Manchester decoding, (sometimes called BiPhase),
there is a transition in the middle of each bit time. If this is a
high-to-low, the data state is a 0, and if low-to-high a 1.
Data is received by the chip at a rate of one bit (out of the
decoder) for each 64 carrier cycles.
Each command must be preceded by a command initiation
pattern (CIP). The receiver uses the leading edge of the
first modulation change of the CIP to automatically
synchronize to the incoming data stream. That edge must
occur during the t
CMD1 interval after the end of the last bit
previously transmitted or received by the chip. This edge is
used to start a bit clock against which all remaining edges
are timed.
The remaining two edges within the CIP occur during the
middle of the first and third bit times of the command. They
must occur within specific time intervals (tCMD2) from the
beginning of the bit time, and their specific time locations
(within the bit times) are used to synchronize with
subsequent edges (t
CMD3) occurring in the same direction
(rising or falling). Edges that correspond to Manchester
changes at the beginning/end of a bit are not explicitly used
by the chip.
If no edges of the CIP fall within the t
CMD1 window after a
read of some sort (including ID read), the chip will
retransmit the data that was previously read.
The following diagram shows functional waveforms for data
reception.
Data Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com