| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-TS101S bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-TS101S bảng dữ liệu(HTML) 7 Page - Analog Devices |
|
7 / 44 page ![]() –7– REV. A ADSP-TS101S to occur while the DSP’s core continues to execute program instructions. The DMA controller performs DMA transfers between: • Internal memory and external memory and memory- mapped peripherals • Internal memory of other DSPs on a common bus, a host processor, or link port I/O • External memory and external peripherals or link port I/O • External bus master and internal memory or link port I/O The DMA controller provides a number of additional features. The DMA controller supports Flyby transfers. Flyby operations only occur through the external port (DMA channel 0) and do not involve the DSP’s core. The DMA controller acts as a conduit to transfer data from one external device to another through external memory. During a transaction, the DSP: • Relinquishes the external data bus • Outputs addresses, memory selects (MS1–0, MSSD, RAS, CAS, and SDWE) and the FLYBY, IOEN, and RD/WR strobes • Responds to ACK DMA chaining is also supported by the DMA controller. DMA chaining operations enable applications to automatically link one DMA transfer sequence to another for continuous transmission. The sequences can occur over different DMA channels and have different transmission attributes. Figure 3. Shared Memory Multiprocessing System CLKS/REFS ADDR31–0 DATA63–0 BR1 BR7–2,0 ADDR31–0 DATA63–0 BR0 BR7–1 BMS CONTROL ADSP-TS101 #0 CONTROL ADSP-TS101 #1 ADSP-TS101 #7 ADSP-TS101 #6 ADSP-TS101 #5 ADSP-TS101 #4 ADSP-TS101 #3 ADSP-TS101 #2 RESET RESET ID2–0 CLKS/REFS LCLK_P S/LCLK_N VREF SCLK_P LCLKRAT2–0 SCLKFREQ 000 CLOCK REFERENCE VOLTAGE ADDR DATA HOST PROCESSOR INTERFACE (OPTIONAL) ACK GLOBAL MEMORY AND PERIPHERALS (OPTIONAL) OE ADDR DATA CS ADDR DATA BOOT EPROM (OPTIONAL) RD MS1–0 ACK ID2–0 001 HBG HBR CS WE WRH/L SDRAM MEMORY (OPTIONAL) MSSD FLYBY IOEN RAS CAS LDQM HDQM SDWE SDCKE SDA10 CS RAS CAS DQM WE CKE A10 ADDR DATA CLK MSH DMAR3–0 DPA BOFF CPA BRST LINK DEVICES (4 MAX) (OPTIONAL) LXCLKIN LXDIR LXDAT7–0 LXCLKOUT TMR0E BM CONTROLIMP2–0 LINK IRQ3–0 FLAG3–0 LINK RESET BUSLOCK CLOCK DS2–0 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |