công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

102SHN100JS6LE bảng dữ liệu(PDF) 6 Page - Exxelia Group

tên linh kiện 102SHN100JS6LE
Giải thích chi tiết về linh kiện  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXXELIA [Exxelia Group]
Trang chủ  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHN100JS6LE bảng dữ liệu(HTML) 6 Page - Exxelia Group

Back Button 102SHN100JS6LE Datasheet HTML 2Page - Exxelia Group 102SHN100JS6LE Datasheet HTML 3Page - Exxelia Group 102SHN100JS6LE Datasheet HTML 4Page - Exxelia Group 102SHN100JS6LE Datasheet HTML 5Page - Exxelia Group 102SHN100JS6LE Datasheet HTML 6Page - Exxelia Group 102SHN100JS6LE Datasheet HTML 7Page - Exxelia Group 102SHN100JS6LE Datasheet HTML 8Page - Exxelia Group 102SHN100JS6LE Datasheet HTML 9Page - Exxelia Group 102SHN100JS6LE Datasheet HTML 10Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CERAMIC CAPACITORS
122
www.exxelia.com
info@exxelia.com
Taping : dimensions
Page revised 06/20
SERIAL AND PARALLEL RESONANCE FREQUEN-
CIES (SRF & PRF) OF CAPACITORS ON PCB
I. INTRODUCTION AND DEFINITIONS
The equivalent model for a capacitor is usually defined by the figure 1 where:
C is the capacitance of the Capacitor
RS is the equivalent serial resistance (ESR)
L is the equivalent serial inductance (ESL)
Cp is the parasitic parallel capacitance
Rp is the Insulation Resistance
Cp
a1
s21
s11
s22
s12
Rp
C
Rs
L
1
2
DUT
Device Under Test
b2
b1
a2
Figure 1: Equivalent Model
Figure 2: S parameters
The complex impedance Z is defined by:
Z=ESR + j X and z=Z/Z0 (1) where z is the reduced impedance, X the reactance,
Z0 the characteristic impedance (usually 50 ohm)
TheimpedancecanbedeterminedbytheSparameters(figure2)measurement
for example with a serial configuration (Figure 3)
Port 1
Port 2
0
Z
Z
Z + 2
S11 =
(2)
2
Z + 2
S21 =
(3)
Figure 3: DUT Serial measurements
The variation of S11 (figure 4) and S21 (figure 5) show the different resonance
frequencies SRF (serial resonance frequency) and PRF (parallel resonance
frequency)
• The SRF is defined when the capacitor is a pure very small resistance:
1
2
p√LC
SRF =
(4a)
Therefore as X=0 the impedance defined in (1) is:
Z = ESR (5)
At this frequency the ESR is usually low.
For example for a 251SHF150 (size 0805 and capacitance 15pf):
SRF=2.64 GHz and the ESR at this frequency is 0.200 ohm (figure 5)
• The PRF is associated with the parasitic capacitance CP defined in figure 1.
Assuming that Cp<<C, then:
1
2
p√LCP
PRF;
(4b)
At this frequency the impedance is a pure very high resistance.
For example for a 251SHF150:
PRF=3.66 GHz and the ESR at this frequency is very high (figure 6)
The PRF could be determined by the S21 measurements (figure 5)
The lumped model shown in Fig. 1 explains only the existence of one serial self-
resonant frequency and one parallel self-resonant frequency, consequently,
the lumped model is unable to explain why real measurements exhibits a
double infinity of self-resonant frequencies (see figures 4, 5 & 6).
It is currently admitted [Ref. 1] that the lumped model shown in Fig. 1 is
convenient only for frequencies that are lower than roughly the half of the first
SRF. For frequencies close or above the first SRF, it is mandatory to consider the
distributed model or transmission line model [Ref. 1].
This distributed model can be established more easily with the equivalent
circuit of a Single Layer Capacitor (SLC) shown in Fig. 7:
eg
c
c
eg
vh
i
Lr
Cr
Cr
Cr
Cr
ZL
Rg
Rg
ZL
ZL
ZL
Lr
I >> h
Lr
Lr
I
w
I
I
2w
Figure 7: Transmission line model of a Single Layer Capacitor
After examination of Fig. 7, one can see that a Single Layer Capacitor can be
modeled by a transmission line with an open termination that is currently
called an “open stub “.
According to classical courses relatives to transmission lines theory, it is well
known that the variation with frequency of the input impedance of an open
stub is given by:
2
pl
l
Ze = –jZc.cot g
( )=–jZc.cotg( ƒ) (5)
2
pl
c
Validity domain
of
lumped model
Ze
f
+jX
–jX
0
c
4l
c
2l
3c
4l
c
l
5c
4l
Figure 8: Plot of the theoretical expression (5) of the impedance of a Single
Layer Capacitor modeled by an open stub
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com