công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

102SHF100JS6LE bảng dữ liệu(PDF) 15 Page - Exxelia Group

tên linh kiện 102SHF100JS6LE
Giải thích chi tiết về linh kiện  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXXELIA [Exxelia Group]
Trang chủ  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS6LE bảng dữ liệu(HTML) 15 Page - Exxelia Group

Back Button 102SHF100JS6LE Datasheet HTML 11Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 12Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 13Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 14Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 15Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 16Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 17Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 18Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 19Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
CERAMIC CAPACITORS
131
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 06/20
On November the 9th 2011, the test set was completed without any problem to report.
!
III. CONCLUSIONS
These tests have shown the reliability of Temex-Ceramics capacitors in operation. Each
of the HiQ capacitors under test has been exposed during 4 months to their maximum
RF power signal rating, heated up to 125°C continuously and without any failure or
event to report.
This endurance test, along with the European Space Agency qualification (see ESA.
pdf on our website), the regular life test performed on standard production lots (see
Reliability_Data.pdf) and the MIL class R rating (see MIL.pdf) highlight, the high quality
and reliability associated with EXXELIA capacitors.
IV. APPENDIX
The capacitance of the capacitor under test may vary during the temperature ramp
up time. Additionally it may vary if there is a beginning of destruction process. If the
frequency was kept constant, the RF power coupled into the capacitor under test will
decrease. Hence the temperature control loop will increase the RF power.
This may lead to a situation where the temperature decreases when the RF power
cannot be increased any more. In order to cope with this, there is a second control
loop that varies the frequency in order to minimize the reflected power. So the RF
power amplifier stage will always be able to deliver the necessary power to keep the
temperature constant.
As PC board, a ceramic material from Rogers is used, the RO4350 material. Comparing
to the standard FR4 material the ceramic board has the following advantages: improved
heat conductivity; improved heat resistance and improved electrical strength.
Due to the improved electrical strength, it was possible to have a ground plane on the
bottom side of the board. The coupler bar rests on a PTFE insulation. It was meant to be
a heat insulation. However, during pre-tests, it became apparent that the PTFE material
spreads the heat more than expected. In order to improve the heat insulation towards
ground and the ambient air, the complete setup is now surrounded by a layer of glass
wool.
All these efforts led to the following results: the temperature difference between the
RF on time and the RF off time is less than 10°C and a total RF power of approximately
35 Watts is sufficient to heat the capacitors to 125°C. The capacitors under test are
soldered with a non lead solder, Sn95Ag4Cu1 which has an extended temperature
range also. Figure 4 shows the test setup.
Figure 4
Both control loops are realized by a micro controller. Additionally, the micro controller
provides an RS-232 interface to set some configuration values. A LC display shows
warning messages also and some status information like temperature, RF power, etc.
The test generator works completely self sustained. It controls the temperature, RF
power, frequency and all other parameters. The test generator takes also care that
it remains itself within safe limits like maximum cool plate temperature, maximum
forward power, maximum reflected power, frequency within a given bandwidth, etc. The
test generator is connected to a remote computer.
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com