công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

101SHT100BA1LE bảng dữ liệu(PDF) 16 Page - Exxelia Group

tên linh kiện 101SHT100BA1LE
Giải thích chi tiết về linh kiện  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXXELIA [Exxelia Group]
Trang chủ  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

101SHT100BA1LE bảng dữ liệu(HTML) 16 Page - Exxelia Group

Back Button 101SHT100BA1LE Datasheet HTML 12Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 13Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 14Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 15Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 16Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 17Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 18Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 19Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 20Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
CERAMIC CAPACITORS
132
www.exxelia.com
info@exxelia.com
Taping : dimensions
Page revised 06/20
NON MAGNETIC CAPACITORS
ULTRA-LOW ESR, RF & MICROWAVE SYSTEMS
In today’s world of medical systems, there is a trend in MRI equipment to increase the
magnetic field – mostly from 1.5T to 3.0T. The higher signal strength obtained can then
be translated into higher spatial resolution, enabling doctors to see finer details on the
images. Whence the importance of non magnetic properties in the electronic compo-
nents used in such systems.
At present, components with a significant magnetic response create parasitic black
dots on the images, which may result in inaccurate or more difficult diagnosis – for
instance the electrolytic capacitors aluminum or tantalum-based (paramagnetic). Not
only this, but magnetic losses will overheat the system and reduce the reliability of the
electronic components. Problems such as these - system temperature and component
reliability - due to a significant magnetic response can moreover occur in any electronic
equipment, though usually with a lower level of criticality.
To further improve reliability in such systems:
The electronic components used in MR systems, like the multilayer ceramic capaci-
tors from EXXELIA, must have a very low magnetic response (diamagnetic);
A classification is needed for R&D engineers designing such systems, to quantify
the magnetic response. This way, any component used in new developments – ir-
respective of its configuration, with wires or ribbons, etc. - would be guaranteed for
MR applications;
Non magnetic components should also be proposed for non medical applications
involving high RF power, so as to minimize losses and thereby improve the overall
system performance.
The comprehensive magnetic study described below was conducted by the I.C.M.C.B.
(the Bordeaux Institute of Chemistry of condensed materials), a laboratory under the
aegis of the C.N.R.S. (French National Center for Scientific Research).
http://www.cnrs.fr/index.html
I. MAGNETIC FIELD NOTIONS
I.1. Magnetic Permeability
This is the degree of magnetization of a material that responds linearly to an applied
magnetic field. The magnetic permeability (µ) of a given material is related to the
permeability of vacuum (µ0, in Henries per meter) times its relative permeability
(µR, no unit):
µ = µ0 x µR
µ0 is a universal constant, the magnetic constant, and has the value.
4∏ x 10–7 H/m
µR is related to the material under test.
In vacuum, air, gases, ... µR is equal to 1. These materials do not modify magnetic field
lines. There are three types of materials:
Diamagnetic (silver, copper, gold, lead, ...) in which µR ≤ 1 and close to 1
Paramagnetic (platinum, aluminum, magnesium, ...) where µR ≥ 1 and close to 1
Ferromagnetic (nickel, cobalt, iron, ...) with µR >> 1
I.2. Paramagnetism
Paramagnetism is a form of magnetism which occurs only in the presence of an exter-
nally applied magnetic field. Paramagnetic materials are attracted to magnetic fields,
and hence have a relative magnetic permeability µR greater than one - or, equivalently,
positive magnetic susceptibility. However, unlike ferromagnets, which are also attract-
ed to magnetic fields, paramagnets do not retain any magnetization in the absence of
an externally applied magnetic field.
I.3. Diamagnetism
Diamagnetism is a weak repulsion from a magnetic field. It is form of magnetism that is
exhibited by a substance only in the presence of an externally applied magnetic field.
All materials show a diamagnetic response in an applied magnetic field but for materi-
als which show some other form of magnetism (such as ferromagnetism or paramag-
netism), the diamagnetism is completely overpowered.
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com