công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

101SHS100BA1LE bảng dữ liệu(PDF) 21 Page - Exxelia Group

tên linh kiện 101SHS100BA1LE
Giải thích chi tiết về linh kiện  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXXELIA [Exxelia Group]
Trang chủ  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

101SHS100BA1LE bảng dữ liệu(HTML) 21 Page - Exxelia Group

Back Button 101SHS100BA1LE Datasheet HTML 17Page - Exxelia Group 101SHS100BA1LE Datasheet HTML 18Page - Exxelia Group 101SHS100BA1LE Datasheet HTML 19Page - Exxelia Group 101SHS100BA1LE Datasheet HTML 20Page - Exxelia Group 101SHS100BA1LE Datasheet HTML 21Page - Exxelia Group 101SHS100BA1LE Datasheet HTML 22Page - Exxelia Group 101SHS100BA1LE Datasheet HTML 23Page - Exxelia Group 101SHS100BA1LE Datasheet HTML 24Page - Exxelia Group 101SHS100BA1LE Datasheet HTML 25Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
CERAMIC CAPACITORS
137
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 06/20
The capacitor with silver-palladium terminations exhibits a magnetic susceptibility
around three times higher than that of the capacitor with copper terminations. This
means that for a very strong requirement for non-magnetic criteria, the copper ter-
minations are better than the silver-palladium ones;
Both these terminations are suitable for non-magnetic applications as their magne-
tization is always below 0.10 uem.CGS/g.
IV.3. Trimmer Capacitors
On the basis of the 0.10 uem.CGS/g limit previously discussed, the behavior of ceramic
trimmer capacitors could also be studied.
From the above chart, the following points may be deduced:
These three ceramic trimmer capacitors are all suitable for non-magnetic applica-
tions, as their magnetization is always below 0.10 uem.CGS/g;
The AT9402 and AT9410 exhibit very good paramagnetic behavior and are therefore
recommended for applications with a very strong non-magnetic requirement.
IV.4. PERMEABILITY
IV.4.1. Definitions
Some engineers prefer to define the magnetic behavior of a component using its per-
meability. Therefore, an empirical limit above which components are not suitable for
non-magnetic applications seems to have been set at 1.0005 for the relative perme-
ability µR.
This relative permeability could be deduced from our measurements using the following
method:
Mass susceptibility Xg is given by the slope of the Mg = f (H) curve
Volume susceptibility Xv is equal to: Xg x [density]
Relative permeability is finally equal to: 1 + Xv
IV.4.2. Examples
Let’s consider the 501 CHB 4R7 BC we measured previously. From the experimental
curve, we find a mass susceptibility Xg of 10–7 uem.CGS. As our components exhibit
a density around 4, the volume susceptibility Xv is then equal to 4 x 10–7 uem.CGS.
Finally, permeability µR is then equal to 1.0000004, which is well below the theoretical
limit of 1.0005
Even if there is no mass susceptibility Xg for a magnetic component – except at very
low fields but customer’s applications are far above this range – we can run the exercise
for the 501 CHB 4R7 BS studied previously. From the first two dots on the experimen-
tal curve, we find a mass susceptibility Xg of 0.5 x 10–3 uem.CGS. As our components
exhibit a density around 4, the volume susceptibility Xv is then equal to 2 x 10–3 uem.
CGS. Finally, permeability µR is then equal to 1.002, which is, as expected, well above
the theoretical limit of 1.0005
V. CONCLUSIONS
C.N.R.S. and EXXELIA have conducted a comprehensive study of the non-magnetic be-
havior of electronic components. This document describes the results of that study on
multilayer porcelain capacitors and ceramic trimmer capacitors.
It flags up the following points:
The measurements made on magnetic and non-magnetic components enable us to
define a first limit for magnetization of around 0.10 uem.CGS/g above which compo-
nents can no longer be rated as non-magnetic;
All our non-magnetic components – both porcelain capacitors and ceramic trimmer
capacitors – are below this limit and are therefore Magnetism-free Rated. To enable
R&D engineers to quickly distinguish in the EXXELIA portfolio which components
are guaranteed for non-magnetic applications, the following specific logo will be
added to specific series in our Application datasheets:
The above logo certifies that a specific electronic component is Magnetism-free
Rated;
Concerning non-magnetic applications - mainly medical systems -, the best solu-
tion to obtain a very low magnetization ceramic capacitor is to use one with copper
terminations;
The silver leads, made from pure silver, are completely non-magnetic;
Concerning standard applications like telecom, industrial, military or space systems,
as any system induces a magnetic field, the use of non-magnetic components would
rule out magnetic losses and therefore improve the overall performances, particularly
in switch-mode operations.
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com