| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HV2621 bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV2621 bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 26 page ![]() HV2621/HV2721/HV2722 DS20006082A-page 8 2019 Microchip Technology Inc. 2.0 PIN DESCRIPTION This section details the pin description for 64-lead QFN package (Figure 2-1).The descriptions of the pins are listed in Table 2-1. FIGURE 2-1: 64-Lead QFN Package - Top View. TABLE 2-1: PIN FUNCTION TABLE Pin Number Symbol Description HV2621 HV2721/ HV2722 1 SW5A SW5A Analog Switch 5 Terminal A 2 NC NC No Connection 3 SW4B SW4B Analog Switch 4 Terminal B 4 SW4A SW4A Analog Switch 4 Terminal A 5 NC NC No Connection 6 SW3B SW3B Analog Switch 3 Terminal B 7 SW3A SW3A Analog Switch 3 Terminal A 8 NC NC No Connection 9 SW2B SW2B Analog Switch 2 Terminal B 10 SW2A SW2A Analog Switch 2 Terminal A 11 NC NC No Connection 1 64 SW11A NC NC SW11B SW12A SW12B SW13A SW13B SW14A SW14B SW15A NC NC SW4B SW4A SW3B SW3A SW2B SW2A SW1B SW1A SW0B NC NC SW0A NC SW15B NC NC NC/RGND SW5A TOP VIEW NC |