công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA4VL...ALZQ1 bảng dữ liệu(PDF) 64 Page - Texas Instruments

tên linh kiện TDA4VL...ALZQ1
Giải thích chi tiết về linh kiện  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TDA4VL...ALZQ1 bảng dữ liệu(HTML) 64 Page - Texas Instruments

Back Button TDA4VL...ALZQ1 Datasheet HTML 60Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 61Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 62Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 63Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 64Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 65Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 66Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 67Page - Texas Instruments TDA4VL...ALZQ1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 251 page
background image
Table 6-8. GPIO0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
GPIO0_62
IO
General Purpose Input/Output
P24
GPIO0_63
IO
General Purpose Input/Output
M23
GPIO0_64
IO
General Purpose Input/Output
P23
GPIO0_65
IO
General Purpose Input/Output
N24
6.3.3.2 WKUP Domain
Table 6-9. WKUP_GPIO0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
WKUP_GPIO0_0
IO
General Purpose Input/Output
D26
WKUP_GPIO0_1
IO
General Purpose Input/Output
E24
WKUP_GPIO0_2
IO
General Purpose Input/Output
C28
WKUP_GPIO0_3
IO
General Purpose Input/Output
C27
WKUP_GPIO0_4
IO
General Purpose Input/Output
C23
WKUP_GPIO0_5
IO
General Purpose Input/Output
F26
WKUP_GPIO0_6
IO
General Purpose Input/Output
E25
WKUP_GPIO0_7
IO
General Purpose Input/Output
F28
WKUP_GPIO0_8
IO
General Purpose Input/Output
F24
WKUP_GPIO0_9
IO
General Purpose Input/Output
H26
WKUP_GPIO0_10
IO
General Purpose Input/Output
F27
WKUP_GPIO0_11
IO
General Purpose Input/Output
F25
WKUP_GPIO0_12
IO
General Purpose Input/Output
C25
WKUP_GPIO0_13
IO
General Purpose Input/Output
C24
WKUP_GPIO0_14
IO
General Purpose Input/Output
B24
WKUP_GPIO0_15
IO
General Purpose Input/Output
D25
WKUP_GPIO0_16
IO
General Purpose Input/Output
D19
WKUP_GPIO0_17
IO
General Purpose Input/Output
E20
WKUP_GPIO0_18
IO
General Purpose Input/Output
E18
WKUP_GPIO0_19
IO
General Purpose Input/Output
C19
WKUP_GPIO0_20
IO
General Purpose Input/Output
F16
WKUP_GPIO0_21
IO
General Purpose Input/Output
G15
WKUP_GPIO0_22
IO
General Purpose Input/Output
F18
WKUP_GPIO0_23
IO
General Purpose Input/Output
E19
WKUP_GPIO0_24
IO
General Purpose Input/Output
G19
WKUP_GPIO0_25
IO
General Purpose Input/Output
F19
WKUP_GPIO0_26
IO
General Purpose Input/Output
F20
WKUP_GPIO0_27
IO
General Purpose Input/Output
F15
WKUP_GPIO0_28
IO
General Purpose Input/Output
G17
WKUP_GPIO0_29
IO
General Purpose Input/Output
F14
WKUP_GPIO0_30
IO
General Purpose Input/Output
F17
WKUP_GPIO0_31
IO
General Purpose Input/Output
A19
WKUP_GPIO0_32
IO
General Purpose Input/Output
B20
WKUP_GPIO0_33
IO
General Purpose Input/Output
B19
WKUP_GPIO0_34
IO
General Purpose Input/Output
D21
WKUP_GPIO0_35
IO
General Purpose Input/Output
G20
WKUP_GPIO0_36
IO
General Purpose Input/Output
C20
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
64
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More