| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA821U2...ALM bảng dữ liệu(PDF) 117 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U2...ALM bảng dữ liệu(HTML) 117 Page - Texas Instruments |
|
117 / 252 page ![]() 7.9.2.5 Independent MCU and Main Domains Power- Down Sequencing Figure 7-6 describes the device power-down sequencing. J7VCL_ELCH_04 T0 T1 T2 T3 (VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU) (B) (VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3, VDDSHV4, VDDSHV5 , VDDSHV6) ,VDDA_3P3_USB (D) (B) (E) (VDDA_MCU_PLLGRP0, VDDA_MCU_TEMP, VDDA_ADC_MCU, VDDA_POR_WKUP, VDDA_WKUP) (F) VDD_MCU (8) VDD MCU WAKE VDDAR MCU _ _ 1, _ VDDAR_CORE, VDDAR_CPU MCU_PORz (J) PORz (J) OSC1_XI, OSC1_XO (optional) WKUP_LFOSC0_XI, WKUP_LFOSC0_XO (optional) WKUP_OSC0_XI, WKUP_OSC0_XO VDDS_DDR_BIAS, VDDS_DDR, VDDS_DDR_C (VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU) (C) (VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3, VDDSHV4, VDDSHV5 , VDDSHV6) VDDS_MMC0 (D) (C), VDDA_OSC1, VDDA_PLLGRP8, VDDA_PLLGRP6, VDDA_PLLGRP4, VDDA_PLLGRP0, VDDA_TEMP01, VDDA_TEMP0, VDD_CPU T4 (VDDA_1P8_SERDES, VDDA_1P8_USB) (G) (VDDA_0P8_PLL_DDR, VDDA_0P8_DLL_MMC0) (H) T Δ1 MCU_BOOTMODE[9:0], BOOTMODE[7:0] VDD_CORE, VDD_WAKE0, VDDA_0P8_SERDES, VDDA_0P8_SERDES_C, VDDA_0P8_USB Valid Configuration A. Terminology: • Primary = Essential power down sequence of all voltage domains to complete off state. • VOPR MIN = Minimum operational voltage level that ensures functionality as specified in , Recommended Operating Conditions. • Ramp-down = voltage supply transition time from VOPR MIN to off condition. • Domain_“n” = multiple instances of similar voltage domains (that is, dual voltage IO domains, VDDSHVn = VDDSHV0, VDDSHV1, VDDSHV2 … VDDSHV6) • Domain_“xxx” = different signal type/protocol domains using same voltage supply type and level (that is, VDDA_1P8_xx = VDDA_1P8_DSITX, VDDA_1P8_USB, VDDA_0P8_DSITX, VDDA_0P8_USB, etc.) Time stamps: www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 117 Product Folder Links: DRA821U-Q1 |