| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA821U4...ALM bảng dữ liệu(PDF) 63 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U4...ALM bảng dữ liệu(HTML) 63 Page - Texas Instruments |
|
63 / 252 page ![]() 6.3.8.2 MCU Domain Table 6-58. UART0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_UART0_CTSn UART Clear to Send (active low) I E20 MCU_UART0_RTSn UART Request to Send (active low) O E21 MCU_UART0_RXD UART Receive Data I C16, D20 MCU_UART0_TXD UART Transmit Data O C20, D19 6.3.8.3 WKUP Domain Table 6-59. UART0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] WKUP_UART0_CTSn UART Clear to Send (active low) I C14 WKUP_UART0_RTSn UART Request to Send (active low) O C18 WKUP_UART0_RXD UART Receive Data I B14 WKUP_UART0_TXD UART Transmit Data O A14 6.3.9 MDIO 6.3.9.1 MCU Domain Table 6-60. MDIO0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_MDIO0_MDC MDIO Clock O D9 MCU_MDIO0_MDIO MDIO Data IO C9 6.3.9.2 MAIN Domain Table 6-61. MDIO0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MDIO0_MDC MDIO Clock O W19 MDIO0_MDIO MDIO Data IO W14 6.3.10 CPSW2G 6.3.10.1 MCU Domain Table 6-62. CPSW2G0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_RGMII1_RXC RGMII Receive Clock I B10 MCU_RGMII1_TXC RGMII Transmit Clock O A12 MCU_RGMII1_RX_CTL RGMII Receive Control I A11 MCU_RGMII1_TX_CTL RGMII Transmit Control O D11 MCU_RGMII1_RD0 RGMII Receive Data 0 I A9 MCU_RGMII1_RD1 RGMII Receive Data 1 I B9 MCU_RGMII1_RD2 RGMII Receive Data 2 I A10 MCU_RGMII1_RD3 RGMII Receive Data 3 I C10 MCU_RGMII1_TD0 RGMII Transmit Data 0 O D10 MCU_RGMII1_TD1 RGMII Transmit Data 1 O B11 www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 63 Product Folder Links: DRA821U-Q1 |