| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SHT35-DIS bảng dữ liệu(PDF) 24 Page - Sensirion AG Switzerland |
|
|
|||||||||||||||||||||||||||||
SHT35-DIS bảng dữ liệu(HTML) 24 Page - Sensirion AG Switzerland |
|
24 / 26 page ![]() www.sensirion.com / D1 Version 1 – December 2022 24/26 8 Product Nomenclature Product Name Explanation SHT3x-DIS 3rd generation Sensirion humidity and temperature Sensor with I2C interface SHT30-DIS Standard SHT3x-DIS SHT31-DIS High accuracy SHT3x-DIS SHT33-DIS ISO17025 certified, high reliability, low drift, SHT3x-DIS SHT35-DIS Highest accuracy SHT3x-DIS Table 25. SHT33 product name nomenclature. 9 Ordering Information Material Description Material Number Details Quantity (pcs) SHT33-DIS-B2.5kS 3.000.522 3-point calibrated, ISO17025 certified, 0x44 & 0x45 I2C addr. 2’500 SHT33-DIS-B10kS 3.000.523 10’000 Table 26. SHT33-DIS ordering options. 10 Bibliography [1] Sensirion, ""SHTxx Assembly of SMD Packages"," [Online]. Available: www.sensirion.com. [2] NXP Semiconductors, "User manual UM10204," vol. Rev. 6, 2014. [3] Sensirion, "SHTxx Design Guide," [Online]. Available: www.sensirion.com. [4] Sensirion, "Handling Instructions for Humidity Sensors," 2020. [5] K. Ehrhorn, "A Humidity Sensor and a Methode for Manufacturing the Same.". UK, DE, FR, NL, DM, BE, US, CN Patent EP1810013, US7741950, CN101040181, 2005. [6] Sensirion, "Sensirion Humidity Sensor Specification Statement," [Online]. Available: www.sensirion.com. |