| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STS32 bảng dữ liệu(PDF) 21 Page - Sensirion AG Switzerland |
|
|
|||||||||||||||||||||||||||||
STS32 bảng dữ liệu(HTML) 21 Page - Sensirion AG Switzerland |
|
21 / 24 page ![]() www.sensirion.com / D1 Version 4 – December 2022 21/24 6 Shipping Package Figure 7. Technical drawing of the packaging tape with sensor orientation in tape. Header tape is to the right and trailer tape to the left on this drawing. Dimensions are given in millimeters. 7 Quality and Material Contents Qualification of STS32/33-DIS is performed based on the JEDEC JESD47 qualification test method. The device is fully RoHS and WEEE compliant, e.g. free of Pb, Cd, and Hg. For general remarks of best practice in processing Sensirion temperature sensors please refer to temperature part of the handling instructions [3]. |