công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SHT3X-DIS bảng dữ liệu(PDF) 7 Page - Sensirion AG Switzerland

tên linh kiện SHT3X-DIS
Giải thích chi tiết về linh kiện  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSIRION [Sensirion AG Switzerland]
Trang chủ  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT3X-DIS bảng dữ liệu(HTML) 7 Page - Sensirion AG Switzerland

Back Button SHT3X-DIS Datasheet HTML 3Page - Sensirion AG Switzerland SHT3X-DIS Datasheet HTML 4Page - Sensirion AG Switzerland SHT3X-DIS Datasheet HTML 5Page - Sensirion AG Switzerland SHT3X-DIS Datasheet HTML 6Page - Sensirion AG Switzerland SHT3X-DIS Datasheet HTML 7Page - Sensirion AG Switzerland SHT3X-DIS Datasheet HTML 8Page - Sensirion AG Switzerland SHT3X-DIS Datasheet HTML 9Page - Sensirion AG Switzerland SHT3X-DIS Datasheet HTML 10Page - Sensirion AG Switzerland SHT3X-DIS Datasheet HTML 11Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
7/26
2 Electrical Specifications
Valid for all electrical specifications: Typical values correspond to VDD = 3.3 V and T = 25 °C. Min.
and max. values are valid in the full temperature range
−40 °C … 125 °C and at declared VDD levels
and are based on characterization.
2.1 Electrical Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Comments
Supply
voltage
VDD
2.15
3.3
5.5
V
Power-
up/down level
VPOR
1.8
2.10
2.15
V
Slew rate
change of the
supply voltage
VDD,slew
-
-
20
V/ms
Voltage changes
on the VDD line
between VDD,min
and VDD,max should
be slower than the
maximum slew
rate; faster slew
rates may lead to
reset;
Supply current
IDD
idle state
(single shot
mode)
T=25°C
-
0.2
2.0
A
Current when
sensor is not
performing a
measurement
during single shot
mode
idle state
(single shot
mode)
T=125°C
-
-
6.0
idle state
(periodic data
acquisition
mode)
-
45
-
A
Current when
sensor is not
performing a
measurement
during periodic data
acquisition mode
Measuring
-
600
1500
A
Current
consumption while
sensor is
measuring
Average
-
1.7
-
A
Current
consumption
(operation with one
measurement per
second at lowest
repeatability, single
shot mode)
Alert Output
driving
strength
IOH
1.5x
VDD
mA
See also section
3.5
Heater power
PHeater
Heater running
3.6
-
33
mW
Depending on the
supply voltage
Table 4. Electrical specifications, typical values T = 25°C, min. & max. values T =
−40 °C … 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com