công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SHT33-DIS bảng dữ liệu(PDF) 8 Page - Sensirion AG Switzerland

tên linh kiện SHT33-DIS
Giải thích chi tiết về linh kiện  3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSIRION [Sensirion AG Switzerland]
Trang chủ  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT33-DIS bảng dữ liệu(HTML) 8 Page - Sensirion AG Switzerland

Back Button SHT33-DIS Datasheet HTML 4Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 5Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 6Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 7Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 8Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 9Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 10Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 11Page - Sensirion AG Switzerland SHT33-DIS Datasheet HTML 12Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.sensirion.com / D1
Version 1
– December 2022
8/26
2.2 Timings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Comments
Power-up time
tPU
After hard reset,
VDD
≥ VPOR
-
0.5
1
ms
Time between VDD
reaching VPOR and
sensor entering idle
state
Soft reset time
tSR
After soft reset.
-
0.5
1.5
ms
Time between ACK of
soft reset command and
sensor entering idle
state
Duration of reset
pulse
tRESETN
1
-
-
µs
See section 4.9
Measurement
duration
tMEAS,l
Low
repeatability
-
2.5
4
ms The three repeatability
modes differ with
respect to measurement
duration, noise level and
energy consumption.
tMEAS,m
Medium
repeatability
-
4.5
6
ms
tMEAS,h
High
repeatability
-
12.5
15
ms
Table 5. System timing specification, valid from
−40 °C to 125 °C and 2.4 V … 5.5 V.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Comments
Power-up time
tPU
After hard reset,
VDD
≥ VPOR
-
0.5
1.5
ms
Time between VDD
reaching VPOR and
sensor entering idle
state
Measurement
duration
tMEAS,l
Low
repeatability
-
2.5
4.5
ms The three repeatability
modes differ with
respect to measurement
duration, noise level and
energy consumption.
tMEAS,m
Medium
repeatability
-
4.5
6.5
ms
tMEAS,h
High
repeatability
-
12.5
15.5
ms
Table 6. System timing specification, valid from
−40 °C to 125 °C and 2.15 V … <2.4 V.
2.3 Absolute Maximum Ratings
Stress levels beyond those listed in Table 7 may cause permanent damage or affect the reliability
of the device. These are stress ratings only and functional operation of the device at these
conditions is not guaranteed. Ratings are only tested each at a time.
Parameter
Rating
Units
Supply voltage VDD
−0.3 to 6
V
Max Voltage on pins (pin 1 (SDA); pin 2 (ADDR); pin 3 (ALERT); pin
4 (SCL); pin 6 (nRESET))
−0.3 to VDD +0.3
V
Input current on any pin
±100
mA
Operating temperature range
−40 to 125
°C
Storage temperature range
−40 to 150
°C
ESD HBM (human body model)11
4
kV
ESD CDM (charge device model)12
750
V
Table 7. Minimum and maximum ratings, voltages may only be applied for short time periods.
11 According to ANSI/ESDA/JEDEC JS-001-2014; AEC-Q100-002.
12
According to ANSI/ESD S5.3.1-2009; AEC-Q100-011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com