công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC823LD bảng dữ liệu(PDF) 11 Page - Motorola, Inc

tên linh kiện MPC823LD
Giải thích chi tiết về linh kiện  MPC823e Mobile Computing Microprocessor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823LD bảng dữ liệu(HTML) 11 Page - Motorola, Inc

Back Button MPC823LD Datasheet HTML 4Page - Motorola, Inc MPC823LD Datasheet HTML 5Page - Motorola, Inc MPC823LD Datasheet HTML 6Page - Motorola, Inc MPC823LD Datasheet HTML 7Page - Motorola, Inc MPC823LD Datasheet HTML 8Page - Motorola, Inc MPC823LD Datasheet HTML 9Page - Motorola, Inc MPC823LD Datasheet HTML 10Page - Motorola, Inc MPC823LD Datasheet HTML 11Page - Motorola, Inc MPC823LD Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MOTOROLA
MPC823e Mobile Computing Microprocessor
11
Order Information
The following table contains the package type and operating frequencies of the MPC823e.
The documents listed in the table below contain detailed information on the MPC823e and
MPC823 microprocessors. All MPC823 documentation applies to the MPC823e with the
exception of the data and instruction cache sections of the user’s manual. You can obtain these
documents from the Motorola Literature Distribution Center or from our website at
www.mot.com/mpc823.
Package Type
Frequency
Temperature
Order Number
256 lead PBGA
23x23 1.27mm pitch
66 MHz
75 MHz
0
°C to 95°C*
0
°C to 95°C*
XPC823EZT66B
XPC823EZT75B
256 lead PBGA
23x23 1.27mm pitch
66 MHz
-40
°C to 95°C**
XPC823CZT66B
* TA = 0
° C to Tj = +95° C
** TA = -40
° C to Tj = +95° C
Document Title
Order Number
Contents
MPC823 User’s Manual
MPC823UM/D
Detailed information for MPC823 design
MPC823 CD
CDMPC823/D
MPC823 User’s Manual in PDF
MPC823 Pocket Reference Guide
MPC823RG/D
Quick reference to content of the
MPC823 User’s Manual
MPC823 Electrical Specifications
MPC823LE/D
Electrical specifications for the MPC823
MPC823 Literature Package
MPC823PAK/D
MPC823 User’s Manual, Pocket
Reference Guide, Electrical
Specifications, and CD
MPC823e Reference Manual
MPC823ERM/D
Not yet available
MPC823e CD
CDMPC823E/D
Not yet available
MPC823e Pocket Reference Guide
MPC823ERG/D
Not yet available
MPC823e Electrical Specifications
MPC823ELE/D
Not yet available
MPC823e Literature Package
MPC823EPAK/D
Not yet available
PowerPC Microprocessor Family: The
Programming Environments for 32-Bit
Microprocessors
MPCFPE32B/AD
PowerPC instruction set
PowerPC Resource Guide
BR1724/D
Independent vendor listing of supporting
software and development tools
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com