| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC823RG bảng dữ liệu(PDF) 1 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC823RG bảng dữ liệu(HTML) 1 Page - Motorola, Inc |
|
1 / 12 page ![]() MPC823ETS/D 6/99 ™ This document contains information on a new product under development by Motorola. Motorola reserves the right to change or discontinue this product without notice. © Motorola, Inc., 1999. All rights reserved. Technical Summary MPC823e Mobile Computing Microprocessor The MPC823e microprocessor is a versatile, one-chip integrated microprocessor and peripheral combination that can be used in a variety of electronic products. It particularly excels in low-power, portable, image capture and personal communication products. It is a version of the MPC823 microprocessor that provides enhanced performance with larger data and instruction caches. Like the MPC823, it has a universal serial bus (USB) interface and video display controller, as well as the existing LCD controller of the MPC823 (Rev A) device. The MPC823e microprocessor integrates a high-performance embedded PowerPC™ core with a communication processor module that uses a specialized RISC processor for imaging and communication. The communication processor module can perform embedded signal processing functions for image compression and decompression. It also supports seven serial channels—two serial communication controllers, two serial management controllers, one I2C® port, one USB channel, and one serial peripheral interface. This two-processor architecture consumes power more efficiently than traditional architectures because the communication processor module frees the core from peripheral tasks like imaging and communication. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Số phần tương tự - MPC823RG |
|
Mô tả tương tự - MPC823RG |