công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VS-T..RIA bảng dữ liệu(PDF) 9 Page - Vishay Siliconix

tên linh kiện VS-T..RIA
Giải thích chi tiết về linh kiện  Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-T..RIA bảng dữ liệu(HTML) 9 Page - Vishay Siliconix

Back Button VS-T..RIA Datasheet HTML 4Page - Vishay Siliconix VS-T..RIA Datasheet HTML 5Page - Vishay Siliconix VS-T..RIA Datasheet HTML 6Page - Vishay Siliconix VS-T..RIA Datasheet HTML 7Page - Vishay Siliconix VS-T..RIA Datasheet HTML 8Page - Vishay Siliconix VS-T..RIA Datasheet HTML 9Page - Vishay Siliconix VS-T..RIA Datasheet HTML 10Page - Vishay Siliconix VS-T..RIA Datasheet HTML 11Page - Vishay Siliconix VS-T..RIA Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
VS-T..RIA Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
9
Document Number: 93756
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 21 - Maximum Non-Repetitive Surge Current
Fig. 22 - Maximum Non-Repetitive Surge Current
Fig. 23 - On-State Voltage Drop Characteristics
Fig. 24 - Thermal Impedance ZthJC Characteristics
700
800
900
1000
1100
1200
1300
1400
1500
1600
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
T90RIA.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
RRM
J
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
T90RIA.. Series
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T90RIA.. Series
T = 125°C
J
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.65 K/W
R
= 0.50 K/W
R
= 0.38 K/W
(DC Operation)
thJC
thJC
thJC
T50RIA.. Series
T70RIA.. Series
T90RIA.. Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com