| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XP-G3 bảng dữ liệu(PDF) 25 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
XP-G3 bảng dữ liệu(HTML) 25 Page - Cree LED |
|
25 / 48 page ![]() XLAMP® XP-G3 LED © 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association. CLD-DS139 REV 9 25 PERFORMANCE GROUPS - RADIANT FLUX (T J = 25 °C) XLamp XP‑G3 Royal Blue LEDs are tested for radiant flux and placed into one of the following bins. Group Code Minimum Radiant Flux (mW) Maximum Radiant Flux (mW) Calculated PPF (µmol/s) Minimum Maximum E4 635 680 2.41 2.58 F2 680 730 2.58 2.77 F4 730 780 2.77 2.96 XLamp XP‑G3 Photo Red (Standard) LEDs are tested for radiant flux and placed into one of the following bins. Group Code Minimum Radiant Flux (mW) Maximum Radiant Flux (mW) Calculated PPF (µmol/s) Minimum Maximum 31 475 500 2.58 2.72 32 500 525 2.72 2.85 XLamp XP‑G3 Photo Red (S Line) LEDs are tested for radiant flux and placed into one of the following bins. Group Code Minimum Radiant Flux (mW) Maximum Radiant Flux (mW) Calculated PPF (µmol/s) Minimum Maximum 32 500 525 2.72 2.85 33 525 550 2.85 2.99 Note • Calculated PPF values are for reference only. |