| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLP151A bảng dữ liệu(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP151A bảng dữ liệu(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 12 page ![]() TLP151A 2 5. 5. 5. 5. Internal Circuit (Note) Internal Circuit (Note) Internal Circuit (Note) Internal Circuit (Note) Fig. Fig. Fig. Fig. 5.1 5.1 5.1 5.1 Internal Circuit Internal Circuit Internal Circuit Internal Circuit Note: A 0.1-µF bypass capacitor must be connected between pin 6 and pin 4. 6. 6. 6. 6. Principle of Operation Principle of Operation Principle of Operation Principle of Operation 6.1. 6.1. 6.1. 6.1. Truth Table Truth Table Truth Table Truth Table Input H L LED ON OFF M1 ON OFF M2 OFF ON Output H L 6.2. 6.2. 6.2. 6.2. Mechanical Parameters Mechanical Parameters Mechanical Parameters Mechanical Parameters Characteristics Creepage distances Clearance distances Internal isolation thickness Min 5.0 5.0 0.4 Unit mm 2017-06-09 Rev.4.0 ©2015 Toshiba Corporation |