2 / 3 page

ELECTRICAL CHARACTERISTIC ( T
A = - 55 °C to +125 °C, Unless Otherwise Specified )
Parameter
Symbol
Min
Typ.
Max Units
Test Conditions
Fig. Note
ALL TYPICAL @ T
A = 25°C
Absolute Maximum Ratings
± 1500 Vdc
-65
°C to +150°C
-55
°C to +125°C
240
°C
20 mA
40 mA
5.0 V
36 mW
40 mA
-0.5 V to 20 V
-0.5 V to 20 V
50 mW
Coupled
Input to Output Isolation Voltage 1
Storage Temperature Range
Operation Temperature Range
Mounting Temperature Range ( 3 minutes max. )
Input Diode
Average Input Current
Peak Forward Current (
≤ 1mS duration )
Reverse Voltage
Power Dissipation
Output Detector
Average Output Current
Supply Voltage, Vcc
Output Voltage, Vout
Power Dissipation
Current Transfer Ratio
Logic Low Output Voltage
Logic High Output Current
Logic Low Supply Current
Logic High Supply Current
Input Forward Voltage
Input Reverse
Breakdown Voltage
Input to Output
Leakage Current
Propagation Delay Time
Logic High to Low
Propagation Delay Time
Logic Low to High
CTR
V
OL
I
OH
I
CCL
I
CCH
V
F
B
VR
I
I - O
t
PHL
t
PLH
300
300
200
3
.1
.2
.005
0.6
.01
1.65
26
2
28
10
.4
.4
250
2.0
40
2.0
1.0
100
10
60
30
%
%
%
V
V
µA
mA
µA
V
V
µA
µS
µS
µS
µS
I
F=0.5 mA, VO=0.4 V, VCC=4.5 V
I
F=1.6 mA, VO=0.4 V, VCC=4.5 V
I
F=5.0 mA, VO=0.4 V, VCC=4.5 V
I
F=0.5 mA, IOL=1.5mA, VCC=4.5V
I
F=5mA, IOL=10mA, VCC=4.5V
I
F=0mA, VO=VCC=18V
I
F=1.6mA, VCC=18V
I
F=0mA, VCC=18V
I
F=1.6mA
I
R=10 µA
Relative Humidity
≤ 50%,
T
A = 25°C, V I - O = 1500 Vdc
I
F=0.5mA, RL =4.7 KΩ,
I
F=5mA, RL =680 Ω
I
F=0.5mA, RL =4.7 KΩ,
I
F=5mA, RL =680 Ω
2
1
2
1