| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF1225331M100 bảng dữ liệu(PDF) 7 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
REF1225331M100 bảng dữ liệu(HTML) 7 Page - AVX Corporation |
|
7 / 7 page ![]() 50 Radial Leaded Aluminum Electrolytic Capacitors REF Series Size Code Bulk Pack Ammo Pack Bags Inner Box Carton Inner Box Carton (LxWxH) 290*212*155 (LxWxH) 455*310*350 Quantity Inner Box Size Inner Box Quantity Carton Size Whole Pieces Quantity Bags Number Quantity / pcs Inner Box Number Quantity / pcs (LxWxH) (LxWxH) 0511 1000 12 12,000 4 48,000 2000 320x230x50 10 485x345x275 20,000 0512 1000 12 12,000 4 48,000 2000 320x230x50 10 485x345x275 20,000 0609 500 10 5000 4 20,000 2000 340x290x48 10 600x354x265 20,000 0611 500 10 5000 4 20,000 2000 340x290x48 10 600x354x265 20,000 0612 500 10 5000 4 20,000 2000 340x290x48 10 600x354x265 20,000 0811 500 10 5000 4 20,000 950 320x230x50 6 485x345x275 5700 0812 500 10 5000 4 20,000 950 320x230x50 6 485x345x275 5700 0816 300 10 3000 4 12,000 950 320x230x55 6 485x345x300 5700 0820 300 10 3000 4 12,000 950 320x230x55 6 485x345x300 5700 1009 250 12 3000 4 12,000 600 320x230x50 6 485x345x275 3600 1013 250 10 2500 4 10,000 600 320x230x50 6 485x345x275 3600 1016 250 10 2500 4 10,000 600 320x230x55 6 485x345x300 3600 1020 200 10 2000 4 8000 600 320x230x55 6 485x345x300 3600 1025 150 10 1500 4 6000 600 320x230x68 8 485x345x300 4800 1216 100 14 1400 4 5600 500 330x290x55 5 345x305x315 2500 1220 100 12 1200 4 4800 500 330x290x55 5 345x305x315 2500 1225 100 10 1000 4 4000 500 330x290x55 5 345x305x315 2500 1230 100 10 1000 4 4000 500 330x230x68 4 345x305x315 2000 1235 - - 440 5 2200 - - - - - 1320 100 12 1200 4 4800 - - - - - 1620 - - 250 5 1250 - - - - - 1625 - - 250 5 1250 - - - - - 1640 - - 200 5 1000 - - - - - 1820 - - 250 5 1250 - - - - - 1825 - - 250 5 1250 - - - - - 1830 - - 230 5 1150 - - - - - 1835 - - 200 5 1000 - - - - - 1840 - - 180 5 900 - - - - - PACKING AMMO PACKING BULK PACKING TDS-ALUM-0014 | Rev 0 – aluminum capacitors – The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order. |