| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC2500ATR bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC2500ATR bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 37 page ![]() Functional description STLC2500A 18/37 5.5.1 V1.2 detailed functionality - Extended SCO ● User Perspective - Extended SCO This function gives improved voice quality since it enables the possibility to retransmit lost or corrupted voice packets in both directions. ● Technical perspective - Extended SCO eSCO incorporates CRC, negotiable data rate, negotiable retransmission window and multi- slot packets. Retransmission of lost or corrupted packets during the retransmission window guarantees on-time delivery. Figure 3. eSCO 5.5.2 V1.2 detailed functionality - Adaptive Frequency Hopping ● User Perspective - Adaptive Frequency Hopping In the Bluetooth spec 1.1, the Bluetooth devices hop in the 2.4 GHz band over 79-channels. As WLAN 802.11 has become popular, there are improvements in the Bluetooth spec 1.2 specifying how Bluetooth units can avoid jammed bands and provide an improved co- existence with WLAN. ● Technical perspective - Adaptive Frequency Hopping Figure 4. AFH First the Master and/or the Slaves identify the jammed channels. The Master decides on the channel distribution and informs the involved slaves. The Master and the Slaves, at a predefined instant, switch to the new channel distribution scheme. No longer jammed channels are re-inserted into the channel distribution scheme. AFH uses the same hop frequency for transmission as for reception. SCO SCO SCO SCO ACL ACL SCO SCO eSCO retransmission window t t WLAN used frequency WLAN used frequency t f f AFH(79) AFH(19<N<79) |