| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STG3699BVTR bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STG3699BVTR bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 19 page ![]() STG3699B 2 Maximum Rating 5/19 2 Maximum Rating Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 3. Absolute Maximum Ratings Note: Absolute maximum ratings are those values above which damage to the device may occur. Functional operation under these conditions is not implied. All voltages are referenced to GND. Symbol Parameter Value Unit VCC Supply Voltage -0.5 to 5.5 V VI DC Input Voltage -0.5 to VCC + 0.5 V VIC DC Control Input Voltage -0.5 to 5.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIKC DC Input Diode Current on control pin (VIN < 0V) − 50 mA IIK DC Input Diode Current (VIN< 0V) ± 50 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 300 mA IOP DC Output Current Peak (pulse at 1ms, 10% duty cycle) ± 500 mA ICC or IGND DC VCC or Ground Current ± 100 mA PD Power Dissipation at TA = 70°C (1) 1. Derate above 70°C: by 18.5mW/°C. 1120 mW TSTG Storage Temperature -65 to 150 °C TL Lead Temperature (10 sec) 300 °C Table 4. Recommended Operating Conditions Symbol Parameter Value Unit VCC Supply Voltage (Truth Table guaranteed: 1.2 to 4.3V) 1.65 to 4.3 V VI Input Voltage 0 to VCC V VIC Control Input Voltage 0 to 4.3 V VO Output Voltage 0 to VCC V TOP Operating Temperature –55 to 125 °C dt/dv Input rise and Fall Time Control Input VCC=1.65V to 2.7V 0 to 20 ns/V VCC=3.0 to 4.3V 0 to 10 |