công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6590A bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện L6590A
Giải thích chi tiết về linh kiện  FULLY INTEGRATED POWER SUPPLY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590A bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button L6590A Datasheet HTML 11Page - STMicroelectronics L6590A Datasheet HTML 12Page - STMicroelectronics L6590A Datasheet HTML 13Page - STMicroelectronics L6590A Datasheet HTML 14Page - STMicroelectronics L6590A Datasheet HTML 15Page - STMicroelectronics L6590A Datasheet HTML 16Page - STMicroelectronics L6590A Datasheet HTML 17Page - STMicroelectronics L6590A Datasheet HTML 18Page - STMicroelectronics L6590A Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
L6590A
16/19
At turn-on, there are large current spikes due to the discharge of parasitic capacitances and, in case of Contin-
uos Conduction Mode operation, to secondary diode reverse recovery as well, which could falsely trigger the
OCP comparator. To increase noise immunity the output of the OCP comparator is blanked for a short time
(about 120 ns) just after the MOSFET is turned on, so that any disturbance within this time slot is rejected (Lead-
ing Edge Blanking).
Figure 31. OCP internal schematic
Thermal Shutdown
Overheating of the device due to an excessive power throughput or insufficient heatsinking is avoided by the
Thermal Shutdown function. A thermal sensor monitors the junction temperature close to the power MOSFET
and, when the temperature exceeds 150 °C (min.), sets an alarm signal that stops the operation of the device.
This is a not-latched funtion and the power MOSFET is re-enabled as the temperature falls about 40 °C.
Clock
+
-
DRAIN
GND
1
1/100
S
R
Q
Max. Duty cycle
OSCILLATOR
PWM
Driver
Rsense
OCP
+
-
0.5 V
LEB
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com