| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS951413 bảng dữ liệu(PDF) 14 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS951413 bảng dữ liệu(HTML) 14 Page - Integrated Circuit Systems |
|
14 / 23 page ![]() 14 Integrated Circuit Systems, Inc. ICS951413 0929C—03/07/05 SMBus Table: SRC Spread Spectrum Control Register Pin # Name Control Function Type0 1 PWD Bit 7 Reserved Reserved R - - 0 Bit 6 SSP14 RW X Bit 5 SSP13 RW X Bit 4 SSP12 RW X Bit 3 SSP11 RW X Bit 2 SSP10 RW X Bit 1 SSP9 RW X Bit 0 SSP8 RW X SMBus Table: Programmable Output Divider Register Pin # Name Control Function Type0 1 PWD Bit 7 CPUDiv3 RW X Bit 6 CPUDiv2 RW X Bit 5 CPUDiv1 RW X Bit 4 CPUDiv0 RW X Bit 3 PCIDiv3 RW X Bit 2 PCIDiv2 RW X Bit 1 PCIDiv1 RW X Bit 0 PCIDiv0 RW X SMBus Table: Programmable Output Divider Register Pin # Name Control Function Type0 1 PWD Bit 7 SRC_Div3 RW X Bit 6 SRC_Div2 RW X Bit 5 SRC_Div1 RW X Bit 4 SRC_Div0 RW X Bit 3 ATIG_Div3 RW X Bit 2 ATIG_Div2 RW X Bit 1 ATIG_Div1 RW X Bit 0 ATIG_Div0 RW X SMBusTable: Test Byte Register Test TypePWD Bit 7 RW 0 Bit 6 RW 0 Bit 5 RW 0 Bit 4 RW 0 Bit 3 RW 0 Bit 2 RW 0 Bit 1 RW 0 Bit 0 RW 0 SRC_ Divider Ratio Programming Bits Spread Spectrum Programming b(14:8) These Spread Spectrum bits in Byte 17 and 18 will program the spread pecentage of SRC CPU Divider Ratio Programming Bits PCI Divider Ratio Programming Bits See Table 3: CPU Divider Ratios See Table 4: PCI Divider Ratios ATIG_ Divider Ratio Programming Bits See Table 5: ATIG and SRC Divider Ratios Byte 18 - - - - - - - - Byte 19 - - - - - - - - Byte 20 - - - - - - - - Byte 21 Test Function Test Result ` ICS ONLY TEST Reserved ICS ONLY TEST Reserved ICS ONLY TEST Reserved ICS ONLY TEST Reserved ICS ONLY TEST Reserved ICS ONLY TEST Reserved ICS ONLY TEST Reserved ICS ONLY TEST Reserved |