| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT7C138 bảng dữ liệu(PDF) 19 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT7C138 bảng dữ liệu(HTML) 19 Page - Aeroflex Circuit Technology |
|
19 / 21 page ![]() 19 ORDERING INFORMATION UT7C138/UT7C139 Dual-Port SRAM: SMD Lead Finish: (A) = Solder (C) = Gold (X) = Optional Case Outline: (X) = 68-pin PGA (Y) = 68-lead Flatpack Class Designator: (Q) = Class Q (V) = Class V Device Type (01) = 4Kx8, CMOS Compatible Inputs, 45ns (02) = 4Kx9, CMOS Compatible Inputs, 45ns (03) = 4Kx8, CMOS Compatible Inputs, 55ns (04) = 4Kx9, CMOS Compatible Inputs, 55ns Drawing Number: 96845 Total Dose: (H) = 1E6 rads(Si) (G) = 5E5 rads(Si) (F) = 3E5 rads(Si) (R) = 1E5 rads(Si) Federal Stock Class Designator: No options 5962 * 96845 * * * * Notes: 1. Lead finish (A, C, or X) must be specified. 2. If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold). 3. Total dose radiation must be specified when ordering. QML Q and QML V not available without radiation hardening. |