công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IO-TJ4HH bảng dữ liệu(PDF) 2 Page - IO AUDIO TECHNOLOGIES.

tên linh kiện IO-TJ4HH
Giải thích chi tiết về linh kiện  TINY JACK SERIES - HORIZONTAL PCB MOUNT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IOAUDIO [IO AUDIO TECHNOLOGIES.]
Trang chủ  https://ioaudiotech.com/
Logo IOAUDIO - IO AUDIO TECHNOLOGIES.

IO-TJ4HH bảng dữ liệu(HTML) 2 Page - IO AUDIO TECHNOLOGIES.

  IO-TJ4HH Datasheet HTML 1Page - IO AUDIO TECHNOLOGIES. IO-TJ4HH Datasheet HTML 2Page - IO AUDIO TECHNOLOGIES.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NUMBER BREAKDOWN:
IO-TJ6HH
Series Identifier
IO-TJ6HH
Number of Pins
IO-TJ6HH
H = Horizontal PCB Mount
IO-TJ6HH
H = Half Threaded Nose
F - Full Threaded Nose
STANDARDS & CLASSIFICATIONS
Panel Cutout
FEATURES & APPLICATIONS
The Tiny Jack (TJ) Series of ¼” phone jacks features a slim design with a high packing density.
It features black, plastic housing with a fully threaded nose. The TJ Series provides a Normally
Closed switch design which makes them a perfect solution for design-in applications where
the termination method is to a printed circuit board. The compact form factor of the these
connectors makes them perfect for situations where space saving is a priority or space for a
connector is limited. Fits a 11.4mm chassis cutout. Available in Mono-Switched (IO-TJ4HH)
and Stereo-Switched (IO-TJ6HH) options for horizontal PCB mounting.
Also available with a full threaded nose (IO-TJ4HF & IO-TJ6HF).
Product specifications may change without prior notification
Io Audio Technologies® is a registered trademark of Knight Electronics, Inc.
10557 Metric Dr. Dallas, TX 75243 | 214-340-0265 | 800-323-2439 | Fax: 214-340-5870 |
www.ioaudiotechnologies.com



Html Pages

1 2