| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STBP033 bảng dữ liệu(PDF) 3 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
STBP033 bảng dữ liệu(HTML) 3 Page - EIC discrete Semiconductors |
|
3 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Temperature TYPE Voltage @ VRWM Current Voltage @ IRSM Co-efficient VBR (V) It VRWM IR IRSM VRSM of VBR Min. Max. (mA) (V) ( µA) (A) (V) (% / °C) STBP062 55.8 68.2 1.0 50.2 5.0 4.7 89.0 0.104 STBP562 58.9 65.1 1.0 53.0 5.0 5.0 85.0 0.104 STBP068 61.2 74.8 1.0 55.1 5.0 4.3 98.0 0.104 STBP568 64.6 71.4 1.0 58.1 5.0 4.6 92.0 0.104 STBP075 67.5 82.5 1.0 60.7 5.0 3.9 108 0.105 STBP575 71.3 78.8 1.0 64.1 5.0 4.1 103 0.105 STBP082 73.8 90.2 1.0 66.4 5.0 3.6 118 0.105 STBP582 77.9 86.1 1.0 70.1 5.0 3.7 113 0.105 STBP091 81.9 100 1.0 73.7 5.0 3.2 131 0.106 STBP591 86.5 95.5 1.0 77.8 5.0 3.4 125 0.106 STBP0B0 90.0 110 1.0 81.0 5.0 2.9 144 0.106 STBP5B0 95.0 105 1.0 85.5 5.0 3.1 137 0.106 STBP0B1 99.0 121 1.0 89.2 5.0 2.7 158 0.107 STBP5B1 105 116 1.0 94.0 5.0 2.8 152 0.107 STBP0B2 108 132 1.0 97.2 5.0 2.4 173 0.107 STBP5B2 114 126 1.0 102 5.0 2.5 165 0.107 STBP0B3 117 143 1.0 105 5.0 2.2 187 0.107 STBP5B3 124 137 1.0 111 5.0 2.3 179 0.107 STBP0B5 135 165 1.0 121 5.0 2.0 215 0.108 STBP5B5 143 158 1.0 128 5.0 2.0 207 0.108 STBP0B6 144 176 1.0 130 5.0 1.8 230 0.108 STBP5B6 152 168 1.0 136 5.0 1.9 219 0.108 STBP0B7 153 187 1.0 138 5.0 1.7 244 0.108 STBP5B7 162 179 1.0 145 5.0 1.8 234 0.108 STBP0B8 162 198 1.0 146 5.0 1.6 258 0.108 STBP5B8 171 189 1.0 154 5.0 1.7 246 0.108 STBP0D0 180 220 1.0 162 5.0 1.5 287 0.108 STBP5D0 190 210 1.0 171 5.0 1.53 274 0.108 STBP0D2 198 242 1.0 175 5.0 1.16 344 0.108 STBP5D2 209 231 1.0 185 5.0 1.22 328 0.108 STBP0D5 225 275 1.0 202 5.0 1.11 360 0.110 STBP5D5 237 263 1.0 214 5.0 1.16 344 0.110 STBP0E0 270 330 1.0 243 5.0 0.93 430 0.110 STBP5E0 285 315 1.0 256 5.0 0.97 414 0.110 STBP0E5 315 385 1.0 284 5.0 0.79 504 0.110 STBP5E5 332 368 1.0 300 5.0 0.83 482 0.110 STBP0G0 360 440 1.0 324 5.0 0.70 574 0.110 STBP5G0 380 420 1.0 342 5.0 0.73 548 0.110 STBP0G4 396 484 1.0 356 5.0 0.95 631 0.110 STBP5G4 418 462 1.0 376 5.0 1.00 602 0.110 Note: ( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent. ( 2 ) "STB" will be omitted in marking on the diode. Page 3 of 4 Rev. 03 : March 25, 2005 |