| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TOP259LG bảng dữ liệu(PDF) 14 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP259LG bảng dữ liệu(HTML) 14 Page - Power Integrations, Inc. |
|
14 / 50 page ![]() Rev. M 12/21 14 TOP252-262 www.power.com VBG + VT 1 V VREF 200 µA 400 µA CONTROL (C) (Voltage Sense) (Positive Current Sense - Undervoltage, Overvoltage, ON/OFF, Maximum Duty Cycle Reduction, Output Over- voltage Protection) (Negative Current Sense - ON/OFF, Current Limit Adjustment) PI-4714-071408 TOPSwitch-HX VOLTAGE MONITOR (V) EXTERNAL CURRENT LIMIT (X) Y, E/L and M Package VBG + VT VREF 200 µA 400 µA CONTROL (C) MULTI-FUNCTION (M) (Positive Current Sense - Undervoltage, Overvoltage, Maximum Duty Cycle Reduction, Output Overvoltage Protection) (Negative Current Sense - ON/OFF, Current Limit Adjustment) PI-4715-071408 TOPSwitch-HX P and G Package Figure 13a. VOLTAGE MONITOR (V) and EXTERNAL CURRENT LIMIT (X) Pin Input Simplified Schematic. Figure 13b. MULTI-FUNCTION (M) Pin Input Simplified Schematic. |