| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TOP259YN bảng dữ liệu(PDF) 46 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP259YN bảng dữ liệu(HTML) 46 Page - Power Integrations, Inc. |
|
46 / 50 page ![]() Rev. M 12/21 46 TOP252-262 www.power.com PI-4917-061510 MOUNTING HOLE PATTERN (not to scale) PIN 7 PIN 1 0.100 (2.54) 0.100 (2.54) 0.059 (1.50) 0.059 (1.50) 0.050 (1.27) 0.050 (1.27) 0.100 (2.54) 0.155 (3.93) 0.020 (0.50) Notes: 1. Dimensioning and tolerancing per ASME Y14.5M-1994. 2. Dimensions noted are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs, and interlead flash, but including any mismatch between the top and bottom of the plastic body. Maximum mold protrusion is 0.007 [0.18] per side. 3. Dimensions noted are inclusive of plating thickness. 4. Does not include inter-lead flash or protrusions. 5. Controlling dimensions in inches (mm). 0.403 (10.24) 0.397 (10.08) 0.325 (8.25) 0.320 (8.13) 0.050 (1.27) FRONT VIEW 2 2 B A 0.070 (1.78) Ref. Pin #1 I.D. 3 C 0.016 (0.41) Ref. 0.290 (7.37) Ref. 0.047 (1.19) 0.100 (2.54) 0.519 (13.18) Ref. 0.198 (5.04) Ref. 0.264 (6.70) Ref. 0.118 (3.00) 6× 6× 3 0.140 (3.56) 0.120 (3.05) 0.021 (0.53) 0.019 (0.48) 0.378 (9.60) Ref. 0.019 (0.48) Ref. 0.060 (1.52) Ref. 0.048 (1.22) 0.046 (1.17) 0.081 (2.06) 0.077 (1.96) 0.207 (5.26) 0.187 (4.75) 0.033 (0.84) 0.028 (0.71) 0.016 (0.41) 0.011 (0.28) eSIP-7C (E Package) 10 ° Ref. All Around 0.020 M 0.51 M C 0.010 M 0.25 M C A B SIDE VIEW END VIEW BACK VIEW 4 0.023 (0.58) 0.027 (0.70) DETAIL A Detail A |