| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TOP242F bảng dữ liệu(PDF) 23 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP242F bảng dữ liệu(HTML) 23 Page - Power Integrations, Inc. |
|
23 / 54 page ![]() Rev. R 10/20 23 TOP242-250 www.power.com and thus ensuring that the output voltage reaches regulation at start-up under low line, full load conditions. Resistor R9 provides a discharge path for C14. Capacitor C13 and R8 provide control loop compensation and are required due to the gain associated with such a high output voltage. Sufficient heat sinking is required to keep the TOPSwitch-GX device below 110 °C when operating under full load, low line and maximum ambient temperature. Airflow may also be required if a large heat sink area is not acceptable. Multiple Output, 60 W, 185-265 VAC Input Power Supply Figure 44 shows a multiple output supply typical for high end set-top boxes or cable decoders containing high capacity hard disks for recording. The supply delivers an output power of 45 W continuous/60 W peak (thermally limited) from an input voltage of 185 VAC to 265 VAC. Efficiency at 45 W, 185 VAC is ≥ 75%. The 3.3 V and 5 V outputs are regulated to ±5% without the need for secondary linear regulators. DC stacking (the secondary winding reference for the other output voltages is connected to the cathode of D10 rather than the anode) is used to minimize the voltage error for the higher voltage outputs. Due to the high ambient operating temperature requirement typical of a set-top box (60 °C), the TOP246Y is used to reduce conduction losses and minimize heat sink size. Resistor R2 sets the device current limit to 80% of typical to limit overload power. The line sense resistor (R1) protects the TOPSwitch-GX from line surges and transients by sensing when the DC rail voltage rises to above 450 V. In this condition the TOPSwitch-GX stops switching, extending the input voltage withstand to 496 VAC, which is ideal for countries with poor power quality. A thermistor (RT1) is used to prevent premature failure of the fuse by limiting the inrush current (due to the relatively large size of C2). An optional MOV (RV1) extends the differential surge protection to 6 kV from 4 kV. Leakage inductance clamping is provided by VR1, R5 and C5, keeping the DRAIN voltage below 700 V under all conditions. Resistor R5 and capacitor C5 are selected such that VR1 dissipates very little power except during overload conditions. The frequency jittering feature of TOPSwitch-GX allows the circuit shown to meet CISPR22B with simple EMI filtering (C1, L1 and C6) and the output grounded. The secondaries are rectified and smoothed by D7 to D11, C7, C9, C11, C13, C14, C16 and C17. Diode D11 for the 3.3 V output is a Schottky diode to maximize efficiency. Figure 44. 60 W Multiple Output Power Supply using TOP246. D6 1N4148 D7 UF4003 D8 UF5402 D9 UF5402 D11 MBR1045 D10 BYV32-200 T1 U2 LTV817 U3 TL431 C20 22 µF 10 V R7 150 Ω R12 10 k C19 0.1 µF R11 9.53 k Ω R10 15.0 k Ω R9 3.3 k Ω R8 1 k Ω C6 2.2 nF Y1 C7 47 µF 50 V C9 330 µF 25 V C11 390 µF 35 V C14 1000 µF 25 V 30 V @ 0.03 A 18 V @ 0.5 A 12 V @ 0.6 A 5 V @ 3.2 A 3.3 V @ 3 A RTN D1-D4 1N4007 V F1 3.15 A RV1 275 V 14 mm J1 L1 20 mH 0.8A L N R3 6.8 Ω C5 47 µF 10 V TOP246Y U1 DL S C TOPSwitch-GX R1 2 M Ω 1/2 W R5 68 k Ω 2 W R6 10 Ω RT1 10 Ω 1.7 A C2 68 µF 400 V C5 1 nF 400 V C3 1 µF 50 V C1 0.1 µF X1 PI-2693-081704 CONTROL CONTROL C3 0.1 µF 50 V XF D6 1N4937 VR1 P6KE170 C16 1000 µF 25 V C13 1000 µF 25 V C17 1000 µF 25 V C15 220 µF 16 V C18 220 µF 16 V C12 100 µF 25 V C10 100 µF 25 V C8 10 µF 50 V L2 3.3 µH 3A L3 3.3 µH 3A L4 3.3 µH 5A L5 3.3 µH 5A PERFORMANCE SUMMARY Output Power: 45 W Cont./60 W Peak Regulation: 3.3 V: ± 5% 5 V: ± 5% 12 V: ± 7% 18 V: ± 7% 30 V: ± 8% Efficiency: ≥75% No Load Consumption: 0.6 W R2 9.08 k Ω |