| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TOP252 bảng dữ liệu(PDF) 34 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP252 bảng dữ liệu(HTML) 34 Page - Power Integrations, Inc. |
|
34 / 50 page ![]() Rev. M 12/21 34 TOP252-262 www.power.com Parameter Symbol Conditions SOURCE = 0 V; T J = -40 to 125 °C (Unless Otherwise Specified) Min Typ Max Units Multi-Function (M), Voltage Monitor (V) and External Current Limit (X) Inputs Output Overvoltage Latching Shutdown Threshold Current I OV(LS) T J = 25 °C 269 336 403 mA V or M Pin Reset Voltage V V(TH) or V M(TH) T J = 25 °C 0.8 1.0 1.6 V Remote ON/OFF Negative Threshold Current and Hysteresis (M or X Pin) I REM (N) T J = 25 °C Threshold -35 -27 -20 mA Hysteresis 5 V or M Pin Short Circuit Current I V(SC) or I M(SC) T J = 25 °C V V, VM = VC 300 400 500 mA X or M Pin Short Circuit Current I X(SC) or I M(SC) V X, VM = 0 V Normal Mode -260 -200 -140 mA Auto-Restart Mode -95 -75 -55 V or M Pin Voltage (Positive Current) V V or VM I V or IM = IUV 2.10 2.8 3.20 V I V or IM = IOV TOP252-TOP257 2.79 3.0 3.21 TOP258-TOP262 2.83 3.0 3.25 V or M Pin Voltage Hysteresis (Positive Current) V V(hyst) or V M(hyst) I V or IM = IOV 0.2 0.5 V X or M Pin Voltage (Negative Current) V X or VM I X or IM = -50 mA 1.23 1.30 1.37 V I X or IM = -150 mA 1.15 1.22 1.29 Maximum Duty Cycle Reduction Onset Threshold Current I V(DC) or I M(DC) I C ≥ IB, TJ = 25 °C 18.9 22.0 24.2 mA Maximum Duty Cycle Reduction Slope T J = 25 °C I V(DC) < IV <48 mA or I M(DC) < IM <48 mA -1.0 %/ mA I V or IM ≥48 mA -0.25 Remote OFF DRAIN Supply Current I D(RMT) V DRAIN = 150 V X, V or M Pin Floating 0.6 1.0 mA V or M Pin Shorted to CONTROL 1.0 1.6 Remote ON Delay t R(ON) From Remote ON to Drain Turn-On See Note B 66 kHz 3.0 ms 132 kHz 1.5 Remote OFF Setup Time t R(OFF) Minimum Time Before Drain Turn-On to Disable Cycle See Note B 66 kHz 3.0 ms 132 kHz 1.5 Frequency Input FREQUENCY Pin Threshold Voltage V F See Note B 2.9 V FREQUENCY Pin Input Current I F T J = 25 °C V F = VC 10 55 90 mA |