| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PFS704 bảng dữ liệu(PDF) 22 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS704 bảng dữ liệu(HTML) 22 Page - Power Integrations, Inc. |
|
22 / 30 page ![]() Rev. G 06/15 22 PFS704-729EG www.power.com Parameter Symbol Conditions SOURCE = 0 V, V CC = 12 V, T C = -40 °C to 125 °C (Note D) (Unless Otherwise Specified) Min Typ Max Units Current Limit/Circuit Protection (cont.) SOA Protection Time-out t OCP T C = 25 °C 200 280 360 ms SOA On-time t SOA See Note A 1 ms Leading Edge Blanking Time t LEB See Note A 220 ns Current Limit Delay t IL(D) See Note A 100 ns LEB + ILD + Driver Delay t LEB + tIL(D) + t DRIVER T C = 25 °C 370 470 570 ns Thermal Shutdown Temperature T SHUT See Note A 111 118 126 °C Thermal Shutdown Hysteresis T HYST See Note A 50 °C FEEDBACK Pin Undervoltage FB UV T C = 25 °C 3 3.5 4 V FEEDBACK Pin Undervoltage Delay t FB(UV) T C = 25 °C 65 110 135 ms FEEDBACK Pin Overvoltage Threshold and Hysteresis FB OV 0 °C < T C < 100 °C Threshold V FB +40 mV V FB +90 mV V FB +160 mV V 0 °C < T C < 100 °C Hysteresis 75 mV FEEDBACK Pin Overvoltage Delay t FB(OV) T C = 25 °C 1 2 3 ms FEEDBACK Pin Start-Up Threshold FB OFF 0 °C < T C < 100 °C 0.5 1.2 1.65 V FEEDBACK Pin OFF Delay t FB(OFF) 0 °C < T C < 100 °C 0.5 2 4 ms Start-Up VCC (Rising Edge) V CC+ T C = 25 °C 9.5 10.2 V Shutdown VCC (Falling Edge) V CC- T C = 25 °C 9.0 9.5 V VCC Hysteresis V CC(HYST) T C = 25 °C 0.2 0.5 0.8 V Supply Current Characteristics I CD1 0 °C < T C < 100 °C Switching 3.5 mA I CD2 0 °C < T C < 100 °C Not Switching 1.5 VCC Power-Up Reset Threshold V CC(POR) T C = 25 °C 2.85 3.6 4.25 V VCC Power-Up Reset Current I VCC(POR) T C = 25 °C 1.5 mA |