| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DWCS1700 bảng dữ liệu(PDF) 8 Page - DIWELL Electronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
DWCS1700 bảng dữ liệu(HTML) 8 Page - DIWELL Electronics Co., Ltd. |
|
8 / 8 page ![]() DWCS1700 Winson reserves the right to make changes to improve reliability or manufacturability. © Winson, 2021/5/31 Page 8 Table 1 Setting Command Command Example Return Parameter Reset Current AT+RST\r\n "AT+RST\r\n" "OK\r\n"(1) 0: DC 1: AC (2) AT+CURR\r\n "AT+CURR,0\r\n" "AT+CURR,1\r\n" "OK\r\n"(1) Measure Current (2) AT+MEAS\r\n "AT+MEAS\r\n" <Current> Measure Temperature (2) AT+TEMP\r\n "AT+TEMP\r\n" <Temperature> 1. Command is error: return "Err\r\n"。 2. It is only applicable to the professional version, and it is prohibited to use it in continuous mode. |