công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DGD21844M bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện DGD21844M
Giải thích chi tiết về linh kiện  HALF-BRIDGE GATE DRIVER IN SO-14
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD21844M bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  DGD21844M Datasheet HTML 1Page - Diodes Incorporated DGD21844M Datasheet HTML 2Page - Diodes Incorporated DGD21844M Datasheet HTML 3Page - Diodes Incorporated DGD21844M Datasheet HTML 4Page - Diodes Incorporated DGD21844M Datasheet HTML 5Page - Diodes Incorporated DGD21844M Datasheet HTML 6Page - Diodes Incorporated DGD21844M Datasheet HTML 7Page - Diodes Incorporated DGD21844M Datasheet HTML 8Page - Diodes Incorporated DGD21844M Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DGD21844M
Document number: DS41250 Rev. 3 - 2
2 of 12
www.diodes.com
February 2022
© Diodes Incorporated
DGD21844M
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1
IN
Logic input for high-side and low-side gate driver outputs (HO and LO), in phase with HO (referenced to VSS)
2
SD*
Logic input for shutdown (referenced to VSS), enabled low
3
VSS
Logic ground
4
DT
Programmable Deadtime lead, referenced to VSS
5
COM
Low-side return
6
LO
Low-side gate drive output
7
VCC
Low-side and logic fixed supply
8, 9, 10, 14
NC
No connection (no internal connection)
11
VS
High-side floating supply return
12
HO
High-side gate drive output
13
VB
High-side floating supply
Functional Block Diagram
Top View SO-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12