công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATV5000-35UI bảng dữ liệu(PDF) 2 Page - ATMEL Corporation

tên linh kiện ATV5000-35UI
Giải thích chi tiết về linh kiện  High Density UV Erasable Programmable Logic Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000-35UI bảng dữ liệu(HTML) 2 Page - ATMEL Corporation

  ATV5000-35UI Datasheet HTML 1Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 2Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 3Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 4Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 5Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 6Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 7Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 8Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UNIVERSAL BUS
REGIONAL
TO ALL
BUS
QUADRANTS
PINS
I/O
REGISTERCLOCKS
REGIONAL INPUTS
REGIONAL INPUTS
UNIVERSAL
PRODUCT
UNIVERSAL INPUTS
TERMS
REGIONAL
PRODUCT
TERMS
INPUT
PINS
REGISTERCLOCKS
TERMS
PRODUCT
REGIONAL
TERMS
PRODUCT
UNIVERSAL
INPUT/OUTPUT
LOGIC CELLS
(13 TOTAL
PERQUADRANT)
BURIED
LOGIC CELLS
(6 TOTAL
PERQUADRANT)
Quadrant Functional Logic
Diagram ATV5000
Figure 1
Functional Logic Diagram Description
There are 52 identical input/ouput logic cells and 24 identical
buried logic cells in the ATV5000. Each I/O cell has two flip-
flops, up to three sum terms, individual clock, reset, and preset
terms per flip-flop, and one output enable term. Independent of
output configuration, all flip-flops are always usable, and have
at least four product term inputs each.
Each I/O pin (52 total) signal or its latched version drives the
logic array. There is one latch clock per quadrant.
The ATV5000 has four identical quadrants (see Figure 2). The
universal bus routes true and false signals from each of the 52
I/O pins to all four quadrants. Regional buses route each quad-
rant’s flip-flop Q and Q locally. The eight input-only pins are
available in all four regional buses.
Each logic cell has a number of "regional" and "universal" prod-
uct terms (see Figure 1). The I/O logic cells contain three sum
terms, two flip-flops, and an I/O buffer.
The buried logic cells each contain one flip-flop. In addition, in
each buried logic cell the sum term can drive the regional bus.
This allows for logic expansion.
Serial register preload and observability simplify testing. All
registers automatically clear at power up.
Temperature Under Bias.................-55
oC to +125oC
Storage Temperature......................-65
oC to +150oC
Voltage on Any Pin with
Respect to Ground..........................-2.0 V to +7.0 V
1
Voltage on Input Pins
with Respect to Ground
During Programming.....................-2.0 V to +14.0 V
1
Programming Voltage with
Respect to Ground........................-2.0 V to +14.0 V
1
Integrated UV Erase Dose .............. 7258 W•sec/cm
2
*NOTICE: Stresses beyond those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect de-
vice reliability.
Note:
1. Minimum voltage is -0.6 V dc which may undershoot to -2.0 V
for pulses of less than 20 ns. Maximum output pin voltage is
VCC+0.75 V dc which may overshoot to +7.0 V for pulses of less
than 20 ns.
Absolute Maximum Ratings*
D.C. and A.C. Operating Range
ATV5000-25
ATV5000/L-30
ATV5000/L-35
Operating Temperature (Case)
Commercial
Industrial
Military
0
oC - 70oC0oC - 70oC-55oC - 125oC
VCC Power Supply
5 V
± 5%
5 V
± 10%
5 V
± 10%
1-194
ATV5000/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com