| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM239ADE4 bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM239ADE4 bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 48 page ![]() 11 Layout 11.1 Layout Guidelines To create an accurate comparator application without hysteresis, maintain a stable power supply with minimized noise and glitches, which can affect the high level input common-mode voltage range. To achieve this accuracy, add a bypass capacitor between the supply voltage and ground. Place a bypass capacitor on the positive power supply and negative supply (if available). Note If a negative supply is not being used, do not place a capacitor between the GND pin of the device and system ground. 11.2 Layout Example 1OUT 1 1IN– 2 1IN+ 3 GND 4 VCC 7 2OUT 6 2IN– 5 2IN+ 0.1 F μ Ground Bypass Capacitor Negative Supply or Ground Positive Supply 0.1 F μ Ground Only needed for dual power supplies 14 13 12 11 8 9 10 3IN+ 3IN– 4IN+ 4IN– 3OUT 4OUT Figure 11-1. LMx39 Layout Example LM139, LM239, LM339, LM339B, LM139A, LM239A LM339A, LM2901B, LM2901, LM2901AV, LM2901V SLCS006V – OCTOBER 1979 – REVISED DECEMBER 2022 www.ti.com 26 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: LM139 LM239 LM339 LM339B LM139A LM239A LM339A LM2901B LM2901 LM2901AV LM2901V |